Electronic Components Datasheet Search
  English  ▼

X  

LTM4643 Datasheet(PDF) 17 Page - Analog Devices

Part # LTM4643
Description  20VIN, 20A Step-Down DC-to-DC μModule Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4643 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTM4643 Datasheet HTML 13Page - Analog Devices LTM4643 Datasheet HTML 14Page - Analog Devices LTM4643 Datasheet HTML 15Page - Analog Devices LTM4643 Datasheet HTML 16Page - Analog Devices LTM4643 Datasheet HTML 17Page - Analog Devices LTM4643 Datasheet HTML 18Page - Analog Devices LTM4643 Datasheet HTML 19Page - Analog Devices LTM4643 Datasheet HTML 20Page - Analog Devices LTM4643 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
Data Sheet
LTM4640
analog.com
Rev. 0
17 of 38
Forced Continuous Mode
In applications where fixed frequency operation is more critical than low current efficiency, and where the lowest
output ripple is desired, FCM operation should be used. FCM operation can be enabled by connecting the
MODE/CLKIN pin to INTVCC. In this mode, the inductor current can reverse during low output loads, the COMP
voltage is in control of the current comparator threshold throughout, and the top MOSFET always turns on with
each oscillator pulse. During startup, FCM is disabled, and the inductor current is prevented from reversing until the
LTM4640’s output voltage is in regulation.
Operating Frequency
The operating frequency of the LTM4640 is optimized to achieve the compact package size and the minimum
output ripple voltage while keeping high efficiency. The default operating frequency is 600kHz. In most
applications, no additional frequency adjustment is required.
If an operating frequency other than 600kHz is required by the application, the operating frequency is increased by
adding a resistor, RFSET, between the FREQ pin and GND, as shown in Figure 38, or is decreased by adding a
resistor between the FREQ pin and INTVCC. The RFSET resistance value is calculated with Equation 5.
������������������������������ =
{
1.67 × 1011Ω × ������������
������ − 600������������������
(������ > 600������������������)
2.72 × 1011Ω × ������������
600������������������ − ������
(������ < 600������������������)
(5)
The programmable operating frequency range is from 400kHz to 3MHz.
Frequency Synchronization and Clock In
The LTM4640 has a phase-locked loop comprised of an internal voltage-controlled oscillator and a phase detector.
This allows the internal top MOSFET turn-on to be locked to the rising edge of the external clock. The external clock
frequency range must be within ±30% around the operating frequency set by the RFSET resistor. A pulse detection
circuit detects a clock on the CLKIN pin to turn on the phase-locked loop. The pulse width of the clock must be at
least 100ns. The clock’s high level must be above 1V and the clock’s low level below 0.3V. During the startup of the
regulator, the phase-locked loop function is disabled.
Multiphase Operation
For output loads that demand more than 20A of current, multiple LTM4640s are paralleled to run out-of-phase to
provide more output current without increasing input and output voltage ripples.
The CLKOUT signal is connected to the MODE/CLKIN pin of the following LTM4640 stage to line up both the
frequency and the phase of the entire system. Connecting the PHMODE pin to INTVCC, GND, or FLOAT generates a
phase difference (between CLKIN and CLKOUT) of 180°, 120°, or 90°, respectively, which corresponds to 2-phase, 3-
phase, or 4-phase operation. Figure 39 shows a 2-phase design. For a 3-phase or a 4-phase operation to achieve the
best performance, it is recommended to use an external clock integrated circuit (IC) to provide the desired phase
difference for each LTM4640. An optional low-pass filter is added to each external clock signal before it is fed to the
LTM4640. Figure 19 shows a 4-phase design in such a way. Interleaving among more than four phases is not
recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com