Electronic Components Datasheet Search
  English  ▼

X  

ADP1829 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP1829
Description  Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1829 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP1829 Datasheet HTML 2Page - Analog Devices ADP1829 Datasheet HTML 3Page - Analog Devices ADP1829 Datasheet HTML 4Page - Analog Devices ADP1829 Datasheet HTML 5Page - Analog Devices ADP1829 Datasheet HTML 6Page - Analog Devices ADP1829 Datasheet HTML 7Page - Analog Devices ADP1829 Datasheet HTML 8Page - Analog Devices ADP1829 Datasheet HTML 9Page - Analog Devices ADP1829 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
ADP1829
Rev. 0 | Page 6 of 32
FUNCTIONAL BLOCK DIAGRAM
IN
UVLO
LOGIC
SYNC
FREQ
LINEAR REG
REF
PV
LDOSD
VREG
VREG
Q
S
R
PWM
PV
GND
+
–
+
–
+
–
+
–
+
–
+
–
+
–
+
–
VREG
THERMAL
SHUTDOWN
0.75V
0.55V
0.6V
0.8V
ILIM2
CK1
FAULT2
FAULT1
50µA
Q
Q
S
R
PWM
Q
ILIM1
CK1
RAMP1
CK2
RAMP2
OSCILLATOR
PHASE 1 = 0°
PHASE 2 = 180°
BST1
DH1
SW1
DL1
PGND1
CSL1
POK1
BST2
DH2
SW2
DL2
PGND2
CSL2
POK2
VREG
EN1
EN2
COMP1
FB1
TRK1
SS1
COMP2
FB2
TRK2
UV2
SS2
0.6V
0.8V
FAULT1
0.6V
0.8V
FAULT2
RAMP1
0.75V
0.55V
RAMP2
0.75V
0.55V
VREG
ILIM2
50µA
CK2
ADP1829
BOTTOM PADDLE
OF LFCSP
Figure 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com