Electronic Components Datasheet Search
  English  ▼

X  

ADP1829 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP1829
Description  Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1829 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP1829 Datasheet HTML 7Page - Analog Devices ADP1829 Datasheet HTML 8Page - Analog Devices ADP1829 Datasheet HTML 9Page - Analog Devices ADP1829 Datasheet HTML 10Page - Analog Devices ADP1829 Datasheet HTML 11Page - Analog Devices ADP1829 Datasheet HTML 12Page - Analog Devices ADP1829 Datasheet HTML 13Page - Analog Devices ADP1829 Datasheet HTML 14Page - Analog Devices ADP1829 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
ADP1829
Rev. 0 | Page 11 of 32
LOAD OFF
LOAD OFF
100µs/DIV
LOAD ON
VOUT1, AC-COUPLED,
100mV/DIV
T
Figure 16. 1.5 A to 15 A Load Transient Response, VIN = 12 V
T
SS1, 0.5V/DIV
VOUT1, 0.5V/DIV
SHORT CIRCUIT REMOVED
SHORT CIRCUIT APPLIED
INPUT CURRENT, 0.2A/DIV
4ms/DIV
Figure 17. Output Short-Circuit Response
T
400ns/DIV
SWITCH NODE CHANNEL 2
SWITCH NODE
CHANNEL 1
Figure 18. Out-of-Phase Switching, Internal Oscillator
400ns/DIV
SW PIN, CHANNEL 2
SW PIN, CHANNEL 1
EXTERNAL CLOCK, FREQUENCY = 1MHz
T
Figure 19. Out-of-Phase Switching, External 1 MHz Clock
200ns/DIV
SW PIN, CHANNEL 2
SW PIN, CHANNEL 1
EXTERNAL CLOCK, FREQUENCY = 2MHz
T
Figure 20. Out-of-Phase Switching, External 2 MHz Clock
VOUT1, 2V/DIV
EN1, 5V/DIV
10ms/DIV
VIN = 12V
T
Figure 21. Enable Pin Response, VIN = 12 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com