Electronic Components Datasheet Search
  English  ▼

X  

ADP1829 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP1829
Description  Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1829 Datasheet(HTML) 3 Page - Analog Devices

  ADP1829 Datasheet HTML 1Page - Analog Devices ADP1829 Datasheet HTML 2Page - Analog Devices ADP1829 Datasheet HTML 3Page - Analog Devices ADP1829 Datasheet HTML 4Page - Analog Devices ADP1829 Datasheet HTML 5Page - Analog Devices ADP1829 Datasheet HTML 6Page - Analog Devices ADP1829 Datasheet HTML 7Page - Analog Devices ADP1829 Datasheet HTML 8Page - Analog Devices ADP1829 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
ADP1829
Rev. 0 | Page 3 of 32
SPECIFICATIONS
IN = 12 V, ENx = FREQ = PV = VREG = 5 V, SYNC = GND, TJ = −40°C to +125°C, unless otherwise specified. All limits at temperature
extremes are guaranteed via correlation using standard statistical quality control (SQC). Typical values are at TA = 25°C.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
POWER SUPPLY
IN Input Voltage
PV = VREG (using internal regulator)
5.5
18
V
IN = PV = VREG (not using internal regulator)
3.0
5.5
V
IN Quiescent Current
Not switching, IVREG = 0 mA
1.5
3
mA
IN Shutdown Current
EN1 = EN2 = GND
10
20
μA
VREG Undervoltage Lockout Threshold
VREG rising
2.4
2.7
3.0
V
VREG Undervoltage Lockout Hysteresis
0.125
V
ERROR AMPLIFIER
FB1, FB2 Regulation Voltage
TA = 25
°C, TRK1, TRK2 > 700 mV
597
600
603
mV
TJ = 0
°C to 85°C, TRK1, TRK2 > 700 mV
591
609
mV
TJ = −40
°C to +125°C, TRK1, TRK2 > 700 mV
588
612
mV
TJ = 0
°C to 70°C, TRK1, TRK2 > 700 mV
595
605
mV
FB1, FB2 Input Bias Current
100
nA
Open-Loop Voltage Gain
70
dB
Gain-Bandwidth Product
20
MHz
COMP1, COMP2 Sink Current
600
μA
COMP1, COMP2 Source Current
120
μA
COMP1, COMP2 Clamp High Voltage
2.4
V
COMP1, COMP2 Clamp Low Voltage
0.75
V
LINEAR REGULATOR
VREG Output Voltage
TA = 25
°C, I
VREG
= 20 mA
4.85
5.0
5.15
V
IN = 7 V to 18 V, IVREG = 0 mA to 100 mA
4.75
5.0
5.25
V
VREG Load Regulation
IVREG = 0 mA to 100 mA, IN = 12 V
−40
mV
VREG Line Regulation
IN = 7 V to 18 V, IVREG = 20 mA
1
mV
VREG Current Limit
VREG = 4 V
220
mA
VREG Short-Circuit Current
VREG < 0.5 V
95
140
200
mA
IN to VREG Dropout Voltage1
IVREG = 100 mA, IN < 5 V
0.7
1.4
V
VREG Minimum Output Capacitance
1
μF
PWM CONTROLLER
PWM Ramp Voltage Peak
SYNC = GND
1.3
V
DH1, DH2 Maximum Duty Cycle
FREQ = GND (300 kHz)
91
93
%
DH1, DH2 Minimum Duty Cycle
FREQ = GND (300 kHz)
1
3
%
SOFT START
SS1, SS2 Pull-Up Resistance
SS1, SS2 = GND
90
kΩ
SS1, SS2 Pull-Down Resistance
SS1, SS2 = 0.6 V
6
kΩ
SS1, SS2 to FB1, FB2 Offset Voltage
SS1, SS2 = 0 mV to 500 mV
−45
mV
SS1, SS2 Pull-Up Voltage
0.8
V
TRACKING
TRK1, TRK2 Common-Mode Input
Voltage Range
0
600
mV
TRK1, TRK2 to FB1, FB2 Offset Voltage
TRK1, TRK2 = 0 mV to 500 mV
−5
+5
mV
TRK1, TRK2 Input Bias Current
100
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com