Electronic Components Datasheet Search
  English  ▼

X  

ADP1829 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP1829
Description  Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1829 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP1829 Datasheet HTML 3Page - Analog Devices ADP1829 Datasheet HTML 4Page - Analog Devices ADP1829 Datasheet HTML 5Page - Analog Devices ADP1829 Datasheet HTML 6Page - Analog Devices ADP1829 Datasheet HTML 7Page - Analog Devices ADP1829 Datasheet HTML 8Page - Analog Devices ADP1829 Datasheet HTML 9Page - Analog Devices ADP1829 Datasheet HTML 10Page - Analog Devices ADP1829 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
ADP1829
Rev. 0 | Page 7 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
FB1
2
SYNC
3
FREQ
4
GND
5
UV2
6
FB2
7
COMP2
8
TRK2
24 POK1
23 BST1
22 DH1
21 SW1
20 CSL1
19 PGND1
18 DL1
17 PV
TOP VIEW
(Not to Scale)
ADP1829
Figure 3. ADP1829 Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
FB1
Feedback Voltage Input for Channel 1. Connect a resistor divider from the buck regulator output to GND and tie
the tap to FB1 to set the output voltage.
2
SYNC
Frequency Synchronization Input. Accepts external signal between 600 kHz and 1.2 MHz or between 1.2 MHz
and 2 MHz depending on whether FREQ is low or high, respectively. Connect SYNC to ground if not used.
3
FREQ
Frequency Select Input. Low for 300 kHz or high for 600 kHz.
4
GND
Ground. Connect to a ground plane directly beneath the ADP1829. Tie the bottom of the feedback dividers to
this GND.
5
UV2
Input to the POK2 Undervoltage and Overvoltage Comparators. For the default thresholds, connect UV2
directly to FB2. For some tracking applications, connect UV2 to an extra tap on the FB2 voltage divider string.
6
FB2
Voltage Feedback Input for Channel 2. Connect a resistor divider from the buck regulator output to GND and
tie the tap to FB2 to set the output voltage.
7
COMP2
Error Amplifier Output for Channel 2. Connect an RC network from COMP2 to FB2 to compensate Channel 2.
8
TRK2
Tracking Input for Channel 2. To track a master voltage, drive TRK2 from a voltage divider from the master
voltage. If the tracking function is not used, connect TRK2 to VREG.
9
SS2
Soft Start Control Input. Connect a capacitor from SS2 to GND to set the soft start period.
10
POK2
Open-Drain Power OK Output for Channel 2. Sinks current when UV2 is out of regulation. Connect a pull-up
resistor from POK2 to VREG.
11
BST2
Boost Capacitor Input for Channel 2. Powers the high-side gate driver DH2. Connect a 0.22 μF to 0.47 μF
ceramic capacitor from BST2 to SW2 and a Schottky diode from PV to BST2.
12
DH2
High-Side (Switch) Gate Driver Output for Channel 2.
13
SW2
Switch Node Connection for Channel 2.
14
CSL2
Current Sense Comparator Inverting Input for Channel 2. Connect a resistor between CSL2 and SW2 to set the
current-limit offset.
15
PGND2
Ground for Channel 2 Gate Driver. Connect to a ground plane directly beneath the ADP1829.
16
DL2
Low-Side (Synchronous Rectifier) Gate Driver Output for Channel 2.
17
PV
Positive Input Voltage for Gate Driver DL1 and Gate Driver DL2. Connect PV to VREG and bypass to ground with
a 1 μF capacitor.
18
DL1
Low-Side (Synchronous Rectifier) Gate Driver Output for Channel 1.
19
PGND1
Ground for Channel 1 Gate Driver. Connect to a ground plane directly beneath the ADP1829.
20
CSL1
Current Sense Comparator Inverting Input for Channel 1. Connect a resistor between CSL1 and SW1 to set the
current-limit offset.
21
SW1
Switch Node Connection for Channel 1.
22
DH1
High-Side (Switch) Gate Driver Output for Channel 1.
23
BST1
Boost Capacitor Input for Channel 1. Powers the high-side gate driver DH1. Connect a 0.22 μF to 0.47 μF
ceramic capacitor from BST1 to SW1 and a Schottky diode from PV to BST1.
24
POK1
Open-Drain Power OK Output for Channel 1. Sinks current when FB1 is out of regulation. Connect a pull-up
resistor from POK1 to VREG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com