Electronic Components Datasheet Search
  English  ▼

X  

ADP1829 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP1829
Description  Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1829 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP1829 Datasheet HTML 12Page - Analog Devices ADP1829 Datasheet HTML 13Page - Analog Devices ADP1829 Datasheet HTML 14Page - Analog Devices ADP1829 Datasheet HTML 15Page - Analog Devices ADP1829 Datasheet HTML 16Page - Analog Devices ADP1829 Datasheet HTML 17Page - Analog Devices ADP1829 Datasheet HTML 18Page - Analog Devices ADP1829 Datasheet HTML 19Page - Analog Devices ADP1829 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
ADP1829
Rev. 0 | Page 16 of 32
APPLICATIONS INFORMATION
SELECTING THE INPUT CAPACITOR
The input current to a buck converter is a pulse waveform. It is
zero when the high-side switch is off and approximately equal
to the load current when it is on. The input capacitor carries the
input ripple current, allowing the input power source to supply
only the dc current. The input capacitor needs sufficient ripple
current rating to handle the input ripple and also ESR that is
low enough to mitigate input voltage ripple. For the usual current
ranges for these converters, good practice is to use two parallel
capacitors placed close to the drains of the high-side switch
MOSFETs, one bulk capacitor of sufficiently high current rating
as calculated in Equation 1, along with 10 μF of ceramic capacitor.
Select an input bulk capacitor based on its ripple current rating.
If both Channel 1 and Channel 2 maximum output load
currents are about the same, the input ripple current is less than
half of the higher of the output load currents. In this case, use
an input capacitor with a ripple current rating greater than half
of the highest load current.
2
L
RIPPLE
I
I
>
(1)
If the Output 1 and Output 2 load currents are significantly
different (if the smaller is less than 50% of the larger), then the
procedure in Equation 1 yields a larger input capacitor than
required. In this case, the input capacitor can be chosen as in
the case of a single phase converter with only the higher load
current, so first determine the duty cycle of the output with the
larger load current.
IN
OUT
V
V
D =
(2)
In this case, the input capacitor ripple current is approximately
)
1
(
D
D
I
I
L
RIPPLE
−
≈
(3)
where IL is the maximum inductor or load current for the
channel and D is the duty cycle. Use this method to determine
the input capacitor ripple current rating for duty cycles between
20% and 80%.
For duty cycles less than 20% or greater than 80%, use an input
capacitor with ripple current rating IRIPPLE > 0.4 IL.
Selecting the Output LC Filter
The output LC filter attenuates the switching voltage, making
the output an almost dc voltage. The output LC filter charac-
teristics determine the residual output ripple voltage.
Choose an inductor value such that the inductor ripple current
is approximately 1/3 of the maximum dc output load current.
Using a larger value inductor results in a physical size larger
than is required, and using a smaller value results in increased
losses in the inductor and MOSFETs.
Choose the inductor value using the equation
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
=
IN
OUT
SW
L
OUT
IN
V
V
f
I
V
V
L
Δ
(4)
where:
L is the inductor value.
fSW is the switching frequency.
VOUT is the output voltage.
VIN is the input voltage.
ΔI
L
is the inductor ripple current, typically 1/3 of the maximum
dc load current.
Choose the output bulk capacitor to set the desired output voltage
ripple. The impedance of the output capacitor at the switching
frequency multiplied by the ripple current gives the output
voltage ripple. The impedance is made up of the capacitive
impedance plus the nonideal parasitic characteristics, the
equivalent series resistance (ESR), and the equivalent series
inductance (ESL). The output voltage ripple can be approxi-
mated with
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
+
+
Δ
=
Δ
ESL
f
C
f
ESR
I
V
SW
OUT
SW
L
OUT
4
8
1
(5)
where:
ΔV
OUT
is the output ripple voltage.
ΔI
L
is the inductor ripple current.
ESR is the equivalent series resistance of the output capacitor
(or the parallel combination of ESR of all output capacitors).
ESL is the equivalent series inductance of the output capacitor
(or the parallel combination of ESL of all capacitors).
Note that the factors of 8 and 4 in Equation 5 would normally
be 2π for sinusoidal waveforms, but the ripple current waveform
in this application is triangular. Parallel combinations of different
types of capacitors, for example, a large aluminum electrolytic
in parallel with MLCCs, may give different results.
Usually, the impedance is dominated by ESR at the switching
frequency, as stated in the maximum ESR rating on the
capacitor data sheet, so this equation reduces to
ESR
I
V
L
OUT
Δ
≈
Δ
(6)
Electrolytic capacitors have significant ESL also, on the order of
5 nH to 20 nH, depending on type, size, and geometry. PCB
traces contribute some ESR and ESL as well. However, using the
maximum ESR rating from the capacitor data sheet usually
provides some margin such that measuring the ESL is not
usually required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com