Electronic Components Datasheet Search
  English  ▼

X  

YDA136 Datasheet(PDF) 16 Page - YAMAHA CORPORATION

Part # YDA136
Description  D- 60 STEREO 60W-100W DIGITAL AUDIO POWER AMPLIFIER CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YDA136 Datasheet(HTML) 16 Page - YAMAHA CORPORATION

Back Button YDA136 Datasheet HTML 12Page - YAMAHA CORPORATION YDA136 Datasheet HTML 13Page - YAMAHA CORPORATION YDA136 Datasheet HTML 14Page - YAMAHA CORPORATION YDA136 Datasheet HTML 15Page - YAMAHA CORPORATION YDA136 Datasheet HTML 16Page - YAMAHA CORPORATION YDA136 Datasheet HTML 17Page - YAMAHA CORPORATION YDA136 Datasheet HTML 18Page - YAMAHA CORPORATION YDA136 Datasheet HTML 19Page - YAMAHA CORPORATION YDA136 Datasheet HTML 20Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
YDA136
16
■
DAC Function
YDA136 has a 24-bit×2ch of DAC.
The DAC supports the following eight kinds of sampling frequencies (Fs), and it has an over sampling filter corresponding
to each sampling frequencies.
32kHz、44.1kHz、48kHz、64kHz、88.4kHz、96kHz、176.4kHz、192kHz
The output full-scale of this DAC is 1Vrms.
●DAC Interface
Be sure to input a digital audio signal from the following three terminals, SDIN, LRCLK, and SCLK.
DAC interface of YDA136 supports the seven DAC input formats.
Be sure to set up control registers, MOD2, MOD1, and MOD0, and then select a DAC input format to use.
When using the YDA136 as Digital Audio Signal mode, be sure not to stop a SCLK signal except when electronic volume
is mute, protection reset mode, or hard mute mode.
MODE4(16bit) MODE5(20bit) MODE6(24bit)
MODE7
DAC Input Format
MODE8
Analog Audio Signal Input Mode
MSB
LSB
MSB
LSB
SCLK
LRCLK
SDIN
X
X
Left channel
Right channel
A SDIN bit is sampled by the rising edge of SCLK.
When LRCLK is “L”, be sure to input data for Left channel in left justified with a vacant bit.
When LRCLK is “H”, be sure to input data for Right channel in left justified with a vacant bit.
SDIN data is written into a DAC data register by the falling edge of LRCLK.
64-clock for one-word.
MSB
LSB
MSB
LSB
SCLK
LRCLK
SDIN
Left channel
Right channel
A SDIN bit is sampled by the rising edge of SCLK.
When LRCLK is “H”, be sure to input data for Left channel by right justified.
When LRCLK is “L”, be sure to input data for Right channel by right justified.
SDIN data is written into a DAC data register by the rising edge of LRCLK.
64-clock for one-word.
MODE1(16bit) MODE2(20bit) MODE3(24bit)
MSB
LSB
MSB
LSB
Left channel
Right channel
SCLK
LRCLK
SDIN
A SDIN bit is sampled by the rising edge of SCLK.
When LRCLK is “H”, be sure to input data for Left channel by right justified.
When LRCLK is “L”, be sure to input data for Right channel by right justified.
SDIN data is written into a DAC data register by the rising edge of LRCLK.
64-clock for one-word.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com