Electronic Components Datasheet Search
  English  ▼

X  

YDA136 Datasheet(PDF) 29 Page - YAMAHA CORPORATION

Part # YDA136
Description  D- 60 STEREO 60W-100W DIGITAL AUDIO POWER AMPLIFIER CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YDA136 Datasheet(HTML) 29 Page - YAMAHA CORPORATION

Back Button YDA136 Datasheet HTML 24Page - YAMAHA CORPORATION YDA136 Datasheet HTML 25Page - YAMAHA CORPORATION YDA136 Datasheet HTML 26Page - YAMAHA CORPORATION YDA136 Datasheet HTML 27Page - YAMAHA CORPORATION YDA136 Datasheet HTML 28Page - YAMAHA CORPORATION YDA136 Datasheet HTML 29Page - YAMAHA CORPORATION YDA136 Datasheet HTML 30Page - YAMAHA CORPORATION YDA136 Datasheet HTML 31Page - YAMAHA CORPORATION YDA136 Datasheet HTML 32Page - YAMAHA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
YDA136
29
RL = 6Ω  VBB = 40V  VBS = 35V  VDD = 5V  Half Power
VBB = 40V±100mVrms  VBS = 35V  VDD = 5V  RL = 6Ω
Analog Input  Freq = 1kHz
Analog Input  Freq = 1kHz
PowerMOSFET : 2SJ545, 2SK2933(RENESAS)
PowerMOSFET : 2SJ545, 2SK2933(RENESAS)
VBB = 40V  VBS = 35V  VDD = 5V
VBB = 40V  VBS = 35V  VDD = 5V
Freq = 1kHz(Fs = 48kHz 16bit ×4)
Freq = 1kHz(Fs = 48kHz 16bit ×4)
PowerMOSFET : 2SJ545, 2SK2933(RENESAS)
PowerMOSFET : 2SJ532, 2SK2934(RENESAS)
RL = 6Ω  VBB = 40V  VBS = 35V  VDD = 5V
RL = 6Ω  VBB = 40V  VBS = 35V  VDD = 5V
MOSFET : 2SJ545, 2SK2933(RENESAS)
MOSFET : 2SJ545, 2SK2933(RENESAS)
PowerMOSFET : 2SJ545, 2SK2933(RENESAS)
PowerMOSFET : 2SJ545, 2SK2933(RENESAS)
Signal Frequency vs Channel Separation
-100
-95
-90
-85
-80
-75
-70
-65
-60
10
100
1000
10000
100000
Frequency(Hz)
Rch->Lch
Lch->Rch
PSRR (VBB Power supply)
-65
-60
-55
-50
-45
-40
10
100
1000
10000
100000
Signal frequency added to power supply (Hz)
Lch
Rch
Efficiency vs Power
2SJ545, 2SK2933(RENESAS)
50
55
60
65
70
75
80
85
90
0
10 20304050 6070 8090 100 110 120 130 140 150
Output Power(W)
RL=6Ω
RL=4Ω
RL=8Ω
Efficiency vs Power
2SJ532, 2SK2934(RENESAS)
50
55
60
65
70
75
80
85
90
0
1020 3040 5060 7080 90 100 110 120 130 140 150
Output Power(W)
RL=6Ω
RL=4Ω
RL=8Ω
Output Noise Spectrum Analog Input Mode
-160
-140
-120
-100
-80
-60
-40
-20
0
10
100
1000
10000
100000
Frequency(Hz)
Lch
Rch
Output Noise Spectrum Digital Input Mode
-160
-140
-120
-100
-80
-60
-40
-20
0
10
100
1000
10000
100000
Frequency(Hz)
Lch
Rch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com