Electronic Components Datasheet Search
  English  ▼

X  

YDA136 Datasheet(PDF) 22 Page - YAMAHA CORPORATION

Part # YDA136
Description  D- 60 STEREO 60W-100W DIGITAL AUDIO POWER AMPLIFIER CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YDA136 Datasheet(HTML) 22 Page - YAMAHA CORPORATION

Back Button YDA136 Datasheet HTML 18Page - YAMAHA CORPORATION YDA136 Datasheet HTML 19Page - YAMAHA CORPORATION YDA136 Datasheet HTML 20Page - YAMAHA CORPORATION YDA136 Datasheet HTML 21Page - YAMAHA CORPORATION YDA136 Datasheet HTML 22Page - YAMAHA CORPORATION YDA136 Datasheet HTML 23Page - YAMAHA CORPORATION YDA136 Datasheet HTML 24Page - YAMAHA CORPORATION YDA136 Datasheet HTML 25Page - YAMAHA CORPORATION YDA136 Datasheet HTML 26Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
YDA136
22
●Clock Stop Detection Function
YDA136 becomes clock stop detection mode, when a career clock frequency exceeds a maximum (FC1) of operation or it is
less than a minimum (FC1).
Hard mute is carried out in clock stop detection mode.
If a career clock frequency enters within normal limits, clock stop detection mode will be canceled and hard mute will be
canceled.
●High Temperature Detection Function
YDA136 is acting as the internal monitor of the temperature of YDA136 self, and when it becomes an unusual temperature
exceeding Tjmax, it serves as high temperature detection mode.
In high temperature detection mode, a PROTN terminal is set to "L" at the same time it carries out hard mute.
Then, a PROTN terminal is set to "H" at the same time it cancels high temperature detection mode and cancels hard mute,
when temperature falls and it becomes a normal range.
●Self-recovery function
By connecting a PROTN terminal and a PRSTN terminal, when a PROTN terminal is set to "L" by over-current detection
and high temperature detection, it can be set as fixed time protection reset mode, and hard mute release (automatic return)
can be carried out after starting standby time (TWAIT).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com