Electronic Components Datasheet Search
  English  ▼

X  

YDA136 Datasheet(PDF) 4 Page - YAMAHA CORPORATION

Part # YDA136
Description  D- 60 STEREO 60W-100W DIGITAL AUDIO POWER AMPLIFIER CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YDA136 Datasheet(HTML) 4 Page - YAMAHA CORPORATION

  YDA136 Datasheet HTML 1Page - YAMAHA CORPORATION YDA136 Datasheet HTML 2Page - YAMAHA CORPORATION YDA136 Datasheet HTML 3Page - YAMAHA CORPORATION YDA136 Datasheet HTML 4Page - YAMAHA CORPORATION YDA136 Datasheet HTML 5Page - YAMAHA CORPORATION YDA136 Datasheet HTML 6Page - YAMAHA CORPORATION YDA136 Datasheet HTML 7Page - YAMAHA CORPORATION YDA136 Datasheet HTML 8Page - YAMAHA CORPORATION YDA136 Datasheet HTML 9Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
YDA136
4
No.
Name
I/O
Function
51
N.C.
-
Non connection.
52
N.C.
-
Non connection.
53
N.C.
-
Non connection.
54
N.C.
-
Non connection.
55
VDDPL
PWR Lch Low-Side Driver Power Terminal
56
ONMLU
DO
Lch Low-Side Driver Output Terminal
Inverted side (Pull-up)
57
ONMLD
DO
Lch Low-Side Driver Output Terminal
Inverted side (Pull-down)
58
VSSPL
PWR Lch Low-Side Driver Ground Terminal
59
ONPLD
DO
Lch Low-Side Driver Output Terminal
Noninverted side (Pull-down)
60
ONPLU
DO
Lch Low-Side Driver Output Terminal
Noninverted side (Pull-up)
61
OCPLL
DO
Lch Low-Side Over Current Detection Terminal
62
DLYLL
AI
Lch Low-Side Driver Off-time Setting Terminal
63
OFCL3
AI
Hold to “L” level.
64
OFCL2
AI
Hold to “L” level.
65
OFCL1
AI
Hold to “H” level.
66
ITML
AO
Lch External Filter Elements Connection Terminal
Inverted side
67
ITPL
AO
Lch External Filter Elements Connection Terminal
Noninverted side
68
FBML
AI
Lch Digital Amplifier Input Terminal
Inverted side
69
FBPL
AI
Lch Digital Amplifier Input Terminal
Noninverted side
70
OPL
AO
Lch Electron Volume Output Terminal
Noninverted side
71
OML
AO
Lch Electron Volume Output Terminal
Inverted side
72
IBB
AI
VBB Power-voltage Detection Terminal (Supplied-voltage feedback Terminal)
73
VDDL
PWR Lch Analog Power Terminal
74
VREFL
AO
Lch Reference Power-voltage Output Terminal
75
VSSL
PWR Lch Analog Ground Terminal
76
AIL
AI
Lch Electron Volume Input Terminal
(Analog Signal Input Terminal)
77
AOL
AO
Lch DAC Output Terminal
78
N.C.
-
Non connection.
79
DVSS1
PWR Digital Ground Terminal
80
MUTEN
DI
Mute Control Terminal
81
PROTN
DO
Unusual Detection Output Terminal
(Open-drain)
82
PRSTN
DI
Protect Reset Control Terminal
83
CSN
DI
MPU Interface
Chip-select Input Terminal
84
VDI
DI
MPU Interface
Serial Data Input Terminal
85
VDO
DO
MPU Interface
Serial Data Output Terminal
86
MCLK
DI
MPU Interface
Serial Clock Input Terminal
87
LRCLK
DI
DAC Interface
Serial Word Clock Input Terminal
88
SCLK
DI
DAC Interface
Serial Clock Input Terminal
89
SDIN
DI
DAC Interface
Serial Data Input Terminal
90
MCKIO
DIO
Clock Input/Output Terminal
91
DVDD1
PWR Digital Power Terminal
92
DET
DO
Startup Standby Time Setting Terminal
93
MSSEL
DI
Slave mode/Master mode Change Terminal
94
MONO
DI
Monophonic Control Terminal
95
DVDD2
PWR CERALOCK Power Terminal
96
XI
DI
CERALOCK Connection Terminal
97
XO
DO
CERALOCK Connection Terminal
98
DVSS2
PWR CERALOCK Ground Terminal
99
AOR
AO
Rch DAC Output Terminal
100 AIR
AI
Rch Electron Volume Input Terminal
(Analog Signal Input Terminal)
Note: DI: Digital Input Terminal, DO: Digital Output Terminal, DIO: Digital I/O Terminal, DOH:High-Side Digital Output Terminal
AI: Analog Input Terminal, AO: Analog Output Terminal, AIH:High-Side Analog Input Terminal
PWR:Low-Side Power Terminal, PWRH:High-Side Power Terminal
“CERALOCK” is the trademark of Murata Manufacturing Co., Ltd.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com