Electronic Components Datasheet Search
  English  ▼

X  

YDA136 Datasheet(PDF) 18 Page - YAMAHA CORPORATION

Part # YDA136
Description  D- 60 STEREO 60W-100W DIGITAL AUDIO POWER AMPLIFIER CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YDA136 Datasheet(HTML) 18 Page - YAMAHA CORPORATION

Back Button YDA136 Datasheet HTML 14Page - YAMAHA CORPORATION YDA136 Datasheet HTML 15Page - YAMAHA CORPORATION YDA136 Datasheet HTML 16Page - YAMAHA CORPORATION YDA136 Datasheet HTML 17Page - YAMAHA CORPORATION YDA136 Datasheet HTML 18Page - YAMAHA CORPORATION YDA136 Datasheet HTML 19Page - YAMAHA CORPORATION YDA136 Datasheet HTML 20Page - YAMAHA CORPORATION YDA136 Datasheet HTML 21Page - YAMAHA CORPORATION YDA136 Datasheet HTML 22Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
YDA136
18
■
Digital Amplifier Function
YDA136 has a 2-channel differential analog signal input digital amplifier controller.
This digital amplifier controller consists of High-Side and Low-Side PowerMOSFET drivers and a PWM circuit.
By combining the two sets of Pch/Nch PowerMOSFET in each channel, a digital amplifier (60W to 100W) can be
configured.
To each PowerMOSFET driver, it is possible to set up an off-time individually, and it can be set as the optimal driver
according to PowerMOSFET to be used.
AM intermodulation can be performed with AM reception interference reduction function.
Moreover, it can be optimized to the digital amplifier which has a lower distortion by adding a filter element to a PWM
circuit.
●Gain Setup Method
The gain of digital amplifier can be set up by external resistance (RE1 to RE4).
The gain of digital amplifier can be calculated with the following formula.
()
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
⋅
⋅
+
⋅
+
⋅
⋅
=
Ω
400
4
2
3
1
3
2
2
1
log
20
)
(
RE
RE
RE
RE
RE
RE
RE
RE
dB
Av
However, be sure to set RE4 as more than 10kΩ according to the capability of a built-in operational amplifier.
●Characteristic Improvement by External Filter Element Connection
Although it is possible to realize high performance digital amplifier by the PWM circuit, by adding resistor and a capacitor
between DBPL(FBPR) and ITPL (ITPR), and between FBML (FBMR) and ITML (ITMR), it is possible to optimize a
circuit further and to improve distortion rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com