Electronic Components Datasheet Search
  English  ▼

X  

LM1117 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM1117
Description  LM1117-Q1 18V, 1A, Automotive Fixed Output Linear Voltage Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM1117 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM1117 Datasheet HTML 2Page - Texas Instruments LM1117 Datasheet HTML 3Page - Texas Instruments LM1117 Datasheet HTML 4Page - Texas Instruments LM1117 Datasheet HTML 5Page - Texas Instruments LM1117 Datasheet HTML 6Page - Texas Instruments LM1117 Datasheet HTML 7Page - Texas Instruments LM1117 Datasheet HTML 8Page - Texas Instruments LM1117 Datasheet HTML 9Page - Texas Instruments LM1117 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
5.6 Typical Characteristics
at operating temperature TJ = 25°C, VIN = VOUT(NOM) + 1.5V or 2.5V (whichever is greater), IOUT = 10mA, CIN = 1.0µF, and
COUT = 1.0µF (unless otherwise noted)
For VIN ≥ 3.0V
Figure 5-1. VOUT Accuracy vs IOUT
IOUT = 10mA
Figure 5-2. VOUT Accuracy vs VIN
IOUT = 0mA
Figure 5-3. IQ vs Temperature
IOUT = 0mA
Figure 5-4. IQ Increase Below Minimum VIN
For VIN ≥ 3.0V
Figure 5-5. IGND vs IOUT
VIN = 5V, VOUT = 3.3V, ramp rate = 0.4A/µs
Figure 5-6. IOUT Transient From 0mA to 100mA
LM1117-Q1
SBVS468 – DECEMBER 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LM1117-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com