Electronic Components Datasheet Search
  English  ▼

X  

LM1117 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM1117
Description  LM1117-Q1 18V, 1A, Automotive Fixed Output Linear Voltage Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM1117 Datasheet(HTML) 3 Page - Texas Instruments

  LM1117 Datasheet HTML 1Page - Texas Instruments LM1117 Datasheet HTML 2Page - Texas Instruments LM1117 Datasheet HTML 3Page - Texas Instruments LM1117 Datasheet HTML 4Page - Texas Instruments LM1117 Datasheet HTML 5Page - Texas Instruments LM1117 Datasheet HTML 6Page - Texas Instruments LM1117 Datasheet HTML 7Page - Texas Instruments LM1117 Datasheet HTML 8Page - Texas Instruments LM1117 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
4 Pin Configuration and Functions
3
2
1
IN
OUT
GND
Figure 4-1. DCY Package, 4-Pin SOT-223 (Top View)
1
2
3
IN
OUT
GND
Figure 4-2. KVU Package, 3-Pin TO-252 (Top View)
Table 4-1. Pin Functions
PIN
DESCRIPTION
NAME
DCY
KVU
FUNCTION
GND
1
1
—
Ground pin
OUT
2, Tab
2, Tab
O
Output pin. Use the recommended capacitor value as listed in the
Recommended Operating Conditions table. Place the output capacitor as
close to the OUT and GND pins of the device as possible.
IN
3
3
I
Input pin. Use the recommended capacitor value as listed in the
Recommended Operating Conditions table. Place the input capacitor as
close to the IN and GND pins of the device as possible.
www.ti.com
LM1117-Q1
SBVS468 – DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: LM1117-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com