Electronic Components Datasheet Search
  English  ▼

X  

LM1117 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM1117
Description  LM1117-Q1 18V, 1A, Automotive Fixed Output Linear Voltage Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM1117 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM1117 Datasheet HTML 13Page - Texas Instruments LM1117 Datasheet HTML 14Page - Texas Instruments LM1117 Datasheet HTML 15Page - Texas Instruments LM1117 Datasheet HTML 16Page - Texas Instruments LM1117 Datasheet HTML 17Page - Texas Instruments LM1117 Datasheet HTML 18Page - Texas Instruments LM1117 Datasheet HTML 19Page - Texas Instruments LM1117 Datasheet HTML 20Page - Texas Instruments LM1117 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
VIN = 5V, VOUT = 3.3V, IOUT = 1A, VIN ramp rate = 0.6V/µs
Figure 7-7. VIN Transient in Dropout From 4V to
13V
VOUT = 3.3V, IOUT = 33µA, VIN ramp rate = 1.6V/µs
Figure 7-8. VIN Transient From 5V to 16V
7.3 Best Design Practices
Place input and output capacitors as close to the device as possible.
Use a ceramic output capacitor.
Do not exceed the device absolute maximum ratings.
7.4 Power Supply Recommendations
Connect a low output impedance power supply directly to the input pin of the device. Inductive impedances
between the input supply and the input pin can create significant voltage excursions at the input pin during
start-up or load transient events.
www.ti.com
LM1117-Q1
SBVS468 – DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: LM1117-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com