Electronic Components Datasheet Search
  English  ▼

X  

LM1117 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM1117
Description  LM1117-Q1 18V, 1A, Automotive Fixed Output Linear Voltage Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM1117 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM1117 Datasheet HTML 15Page - Texas Instruments LM1117 Datasheet HTML 16Page - Texas Instruments LM1117 Datasheet HTML 17Page - Texas Instruments LM1117 Datasheet HTML 18Page - Texas Instruments LM1117 Datasheet HTML 19Page - Texas Instruments LM1117 Datasheet HTML 20Page - Texas Instruments LM1117 Datasheet HTML 21Page - Texas Instruments LM1117 Datasheet HTML 22Page - Texas Instruments LM1117 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
8 Device and Documentation Support
8.1 Device Support
8.1.1 Device Nomenclature
Table 8-1. Available Options (1) (2)
PRODUCT
VOUT
LM1117 abcQxxxy Q1
ab is the nominal output voltage, hexadecimal coding is used
•
a : for the unit level of the output voltage.
•
b : for highlighting decimal places. If output ≥ 10.0V, b is marked as V
and for output < 10.0V, b is insignificant.
•
c : for the tenth level of the output voltage.
for example: 33 for 3.3V, 80 for 8.0V, 12V0 for 12.0V.
xxx is the package designator.
y is the package quantity.
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
(2)
The device is available in factory-programmable fixed output voltage increments of 100mV upon request.
8.2 Documentation Support
8.2.1 Related Documentation
For related documentation see the following:
• Texas Instruments, TLV1117 Adjustable and Fixed Low-Dropout Voltage Regulator data sheet
• Texas Instruments, LM1117 800mA Low-Dropout Linear Regulator data sheet
• Texas Instruments, Know Your Limits application note
• Texas Instruments, An empirical analysis of the impact of board layout on LDO thermal performance
application note
8.3 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on
Notifications to register and receive a weekly digest of any product information that has changed. For change
details, review the revision history included in any revised document.
8.4 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
8.5 Trademarks
TI E2E™ is a trademark of Texas Instruments.
All trademarks are the property of their respective owners.
8.6 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
8.7 Glossary
TI Glossary
This glossary lists and explains terms, acronyms, and definitions.
www.ti.com
LM1117-Q1
SBVS468 – DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: LM1117-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com