Electronic Components Datasheet Search
  English  ▼

X  

LM1117 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LM1117
Description  LM1117-Q1 18V, 1A, Automotive Fixed Output Linear Voltage Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM1117 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM1117 Datasheet HTML 14Page - Texas Instruments LM1117 Datasheet HTML 15Page - Texas Instruments LM1117 Datasheet HTML 16Page - Texas Instruments LM1117 Datasheet HTML 17Page - Texas Instruments LM1117 Datasheet HTML 18Page - Texas Instruments LM1117 Datasheet HTML 19Page - Texas Instruments LM1117 Datasheet HTML 20Page - Texas Instruments LM1117 Datasheet HTML 21Page - Texas Instruments LM1117 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
7.5 Layout
7.5.1 Layout Guidelines
Place input and output capacitors as close to the device pins as possible. To improve characteristic AC
performance such as PSRR, output noise, and transient response, design the board with separate ground
planes for VIN and VOUT, with the ground plane connected only at the GND pin of the device. In addition, the
ground connection for the output capacitor must be connected directly to the GND pin of the device. Higher
value ESR capacitors can degrade PSRR performance.
7.5.2 Layout Examples
IN
GND
OUT
OUT
1
3
2
GND
C
OUT
C
IN
Figure 7-9. Layout Example for DCY (SOT-223) Package
IN
GND
OUT
1
3
2
GND
C
OUT
C
IN
OUT
Figure 7-10. Layout Example for KVU (TO-252) Package
LM1117-Q1
SBVS468 – DECEMBER 2024
www.ti.com
18
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LM1117-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com