Electronic Components Datasheet Search
  English  ▼

X  

INA849 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # INA849
Description  PGA849 Low-Noise, Wide-Bandwidth, Precision Programmable Gain Instrumentation Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA849 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA849 Datasheet HTML 6Page - Texas Instruments INA849 Datasheet HTML 7Page - Texas Instruments INA849 Datasheet HTML 8Page - Texas Instruments INA849 Datasheet HTML 9Page - Texas Instruments INA849 Datasheet HTML 10Page - Texas Instruments INA849 Datasheet HTML 11Page - Texas Instruments INA849 Datasheet HTML 12Page - Texas Instruments INA849 Datasheet HTML 13Page - Texas Instruments INA849 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VS = VSOUT = ±15V, VICM = VREF = 0V, RL = 10kΩ connected to ground, and G =1V/V (unless otherwise noted)
Power Supply Rejection Ratio ( V/V)
0
10
20
30
40
50
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
N = 1767
Mean = 0.10μV/V
Std. dev. = 0.06μV/V
G = 16V/V
Figure 6-13. PSRR Distribution
Frequency (Hz)
0
20
40
60
80
100
120
140
160
1
10
100
1k
10k
100k
1M
Typical unit shown
G = 1V/V
Figure 6-14. Positive PSRR vs Frequency
Typical unit shown
G = 1V/V
Figure 6-15. Negative PSRR vs Frequency
Common-Mode Rejection Ratio ( V/V)
0
5
10
15
-800
-600
-400
-200
0
200
400
600
800
N = 1767
Mean = –12.21μV/V
Std. dev. = 159.35μV/V
G = 0.125V/V
Figure 6-16. CMRR Distribution
Common-Mode Rejection Ratio ( V/V)
0
5
10
15
20
-100
-80
-60
-40
-20
0
20
40
60
80
100
N = 1767
Mean = –1.55μV/V
Std. dev = 19.92μV/V
G = 1V/V
Figure 6-17. CMRR Distribution
Common-Mode Rejection Ratio ( V/V)
0
10
20
30
-6
-4
-2
0
2
4
6
N = 1767
Mean = –0.17μV/V
Std. dev = 1.25μV/V
G = 16V/V
Figure 6-18. CMRR Distribution
PGA849
SBOSAG3A – MARCH 2024 – REVISED DECEMBER 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: PGA849



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com