Electronic Components Datasheet Search
  English  ▼

X  

INA849 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # INA849
Description  PGA849 Low-Noise, Wide-Bandwidth, Precision Programmable Gain Instrumentation Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA849 Datasheet(HTML) 24 Page - Texas Instruments

Back Button INA849 Datasheet HTML 20Page - Texas Instruments INA849 Datasheet HTML 21Page - Texas Instruments INA849 Datasheet HTML 22Page - Texas Instruments INA849 Datasheet HTML 23Page - Texas Instruments INA849 Datasheet HTML 24Page - Texas Instruments INA849 Datasheet HTML 25Page - Texas Instruments INA849 Datasheet HTML 26Page - Texas Instruments INA849 Datasheet HTML 27Page - Texas Instruments INA849 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
VREF = 0V
G = 16V/V
Figure 8-3. Input Common-Mode Voltage vs Output
Voltage
VS = ±15V
VSOUT = 5V
VREF = 2.5V
Figure 8-4. Input Common-Mode Voltage vs Output
Voltage
8.1.2 Current Consumption with Differential Inputs
Programmable gain amplifiers such as the PGA849 use internal resistors to set the gain. Consequently, the
current consumption is increased by the current that passes through these resistors. The largest supply current
consumption occurs at G = 1V/V when applying large amplitude differential signals.
Figure 8-5 to Figure 8-8 show typical current consumption versus input differential voltage for the input stage
supply, and the current drawn by the PGA849 inputs when the device is overdriven. The dashed vertical
reference lines outline the linear operating region of the device at that given gain (VINDIFF), outside of this
region is when the inputs of the device are overdriven.
VS = VSOUT = ±15V
VICM = VREF = 0V
VINDIFF = ±24.1V
G = 0.125V/V
Figure 8-5. Current Consumption versus
Differential Input Voltage
VS = VSOUT = ±15V
VICM = VREF = 0V
VINDIFF = ±14.5V
G = 1V/V
Figure 8-6. Current Consumption versus
Differential Input Voltage
PGA849
SBOSAG3A – MARCH 2024 – REVISED DECEMBER 2024
www.ti.com
24
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: PGA849



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com