Electronic Components Datasheet Search
  English  ▼

X  

INA849 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # INA849
Description  PGA849 Low-Noise, Wide-Bandwidth, Precision Programmable Gain Instrumentation Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA849 Datasheet(HTML) 27 Page - Texas Instruments

Back Button INA849 Datasheet HTML 23Page - Texas Instruments INA849 Datasheet HTML 24Page - Texas Instruments INA849 Datasheet HTML 25Page - Texas Instruments INA849 Datasheet HTML 26Page - Texas Instruments INA849 Datasheet HTML 27Page - Texas Instruments INA849 Datasheet HTML 28Page - Texas Instruments INA849 Datasheet HTML 29Page - Texas Instruments INA849 Datasheet HTML 30Page - Texas Instruments INA849 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
The OPA192 buffer is configured in a dual-feedback configuration to provide stability while driving the REF pin
and 22nF bypass capacitor. RISO is a 20Ω isolation resistor that provides separation of two feedback paths for
optimized stability. Feedback path number one is through feedback resistor, RF = 2kΩ, connected directly to the
REF pin. Feedback path number two is through feedback capacitor CF = 2nF connected to the output of the op
amp. The circuit provides a loop gain phase margin of 86°. The noninverting input of the OPA192 buffer has
a low-pass filter with R = 1kΩ, C = 10nF to reduce the resistive divider thermal noise. Using any other load
capacitance requires recalculation of the stability components: RF, CF, and RISO. If modifying the REF bypass
capacitance, verify the circuit is stable with simulation using the OPA192 TINA-TI model (or PSpice®-for-TI
model), and confirm the circuit provides more than 60° of phase margin.
8.2.1.3 Application Curves
Table 8-2 lists the PGA849 output voltage with different gain configurations, and Figure 8-10 shows the PGA849
output voltage with a gain of 2.
Table 8-2. PGA849 Output Voltage with Different Gain Configurations
Input (mV)
Reference (V)
A2:A0
PGA Gain (V/V)
Minimum Output (V) Maximum Output (V)
±50
2.5
000
0.125
2.494
2.506
001
0.25
2.488
2.512
010
0.5
2.475
2.525
011
1
2.450
2.550
100
2
2.400
2.600
101
4
2.300
2.700
110
8
2.100
2.900
111
16
1.700
3.300
Time
0s
0.5ms
1.0ms
1.5ms
2.0ms
2.5ms
3.0ms
V(V_OUT)
2.4V
2.5V
2.6V
V(V_INP) - V(V_INN)
-50mV
0V
50mV
Figure 8-10. PGA849 Output Voltage with a Gain of 2, Reference = 2.5V
www.ti.com
PGA849
SBOSAG3A – MARCH 2024 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: PGA849



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com