Electronic Components Datasheet Search
  English  ▼

X  

OPA607 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA607
Description  OPAx863A High-Precision, 105MHz, Rail-to-Rail Input/Output Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA607 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA607 Datasheet HTML 3Page - Texas Instruments OPA607 Datasheet HTML 4Page - Texas Instruments OPA607 Datasheet HTML 5Page - Texas Instruments OPA607 Datasheet HTML 6Page - Texas Instruments OPA607 Datasheet HTML 7Page - Texas Instruments OPA607 Datasheet HTML 8Page - Texas Instruments OPA607 Datasheet HTML 9Page - Texas Instruments OPA607 Datasheet HTML 10Page - Texas Instruments OPA607 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
6.6 Electrical Characteristics VS = ±5 V (continued)
at G = 1 V/V, RF = 0 Ω for G = 1 V/V, otherwise RF = 1 kΩ for other gains, CL = 1 pF, RL = 2 kΩ referenced to mid-supply,
input and output common-mode is at mid-supply, and TA ≅ 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
IQ
Quiescent current per amplifier
TA ≈ 25°C
800
925
µA
TA = –40°C to +125°C
1040
PSRR
Power-supply rejection ratio
ΔVS = ±2 V(2)
100
120
dB
POWER DOWN
Enable voltage threshold
Specified on when > VS+ – 0.5 V
4.5
V
Disable voltage threshold
Specified off when < VS+ – 1.5 V
3.5
V
Power-down quiescent current per
channel
VPD ≤ VS+ – 1.5 V
11
28
µA
VPD ≤ VS+ – 1.5 V, TA = –40°C to +125°C
35
Power-down pin bias current
1
2.5
µA
Turn-on time delay
8
µs
Turn-off time delay
3.5
µs
AUXILIARY INPUT STAGE
Gain-bandwidth product
50
MHz
Input voltage noise
6.3
nV/√Hz
Input current noise
0.5
pA/√Hz
Input-referred offset voltage
–95
±10
95
μV
Input bias current
TA ≅ 25°C
0.2
0.6
µA
TA = –40°C to +125°C
0.2
1.3
Common-mode rejection ratio
VCM = 4.1 V to 5.2 V
120
dB
Power supply rejection ratio
ΔVS = ±0.6 V
120
dB
(1)
Change in input offset voltage from no-load condition.
(2)
Change in supply voltage from the default test condition with only one of the positive or negative supplies changing corresponding to
+PSRR and –PSRR.
www.ti.com
OPA863A, OPA2863A
SBOSA95G – MAY 2022 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: OPA863A OPA2863A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com