Electronic Components Datasheet Search
  English  ▼

X  

OPA607 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # OPA607
Description  OPAx863A High-Precision, 105MHz, Rail-to-Rail Input/Output Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA607 Datasheet(HTML) 25 Page - Texas Instruments

Back Button OPA607 Datasheet HTML 21Page - Texas Instruments OPA607 Datasheet HTML 22Page - Texas Instruments OPA607 Datasheet HTML 23Page - Texas Instruments OPA607 Datasheet HTML 24Page - Texas Instruments OPA607 Datasheet HTML 25Page - Texas Instruments OPA607 Datasheet HTML 26Page - Texas Instruments OPA607 Datasheet HTML 27Page - Texas Instruments OPA607 Datasheet HTML 28Page - Texas Instruments OPA607 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
8.4.2 Layout Example
Place bypass capacitors
close to power pins
Place gain and feedback resistors
close to pins to minimize stray
capacitance
Place series output resistors
close to output pin to minimize
parasitic capacitance
Ground and power plane removed
from inner layers. Ground fill on
outer layers also removed
Ground and power plane exist on
inner layers.
Place bypass capacitors
close to power pins
Remove GND and Power plane
under output and inverting pins to
minimize stray PCB capacitance
CBYP
RF
RG
+
–
VS–
CBYP
VS+
Representative schematic
of a single channel
1
8
2
7
3
6
4
5
RS
CBYP
CBYP
RF
RF
RG
RG
RS
RS
Figure 8-4. Layout Recommendation for Dual-Channel DGK Package
Place bypass capacitors
close to power pins
Place gain and feedback resistors
close to pins to minimize stray
capacitance
Place series output resistors
close to output pin to minimize
parasitic capacitance
Ground and power plane removed
from inner layers. Ground fill on
outer layers also removed
Ground and power plane exist on
inner layers
Place bypass capacitors
close to power pins
Remove GND and Power plane
under output and inverting pins to
minimize stray PCB capacitance
CBYP
RF
RG
+
–
VS–
CBYP
VS+
Representative Schematic
of a Single Channel
1
10
2
9
3
8
4
7
RS
CBYP
CBYP
RF
RF
RG
RG
RS
RS
6
5
Thermal
Pad
Figure 8-5. Layout Recommendation for Dual-Channel DSN Package
www.ti.com
OPA863A, OPA2863A
SBOSA95G – MAY 2022 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: OPA863A OPA2863A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com