Electronic Components Datasheet Search
  English  ▼

X  

OPA607 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA607
Description  OPAx863A High-Precision, 105MHz, Rail-to-Rail Input/Output Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA607 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA607 Datasheet HTML 9Page - Texas Instruments OPA607 Datasheet HTML 10Page - Texas Instruments OPA607 Datasheet HTML 11Page - Texas Instruments OPA607 Datasheet HTML 12Page - Texas Instruments OPA607 Datasheet HTML 13Page - Texas Instruments OPA607 Datasheet HTML 14Page - Texas Instruments OPA607 Datasheet HTML 15Page - Texas Instruments OPA607 Datasheet HTML 16Page - Texas Instruments OPA607 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
6.8 Typical Characteristics: VS = ±5 V (continued)
at VS+ = 5 V, VS– = –5 V, RF = 0 Ω for G = 1 V/V; otherwise, RF = 1 kΩ for other gains, CL = 1 pF, RL = 2 kΩ referenced to
mid-supply, G = 1 V/V, input and output referenced to mid-supply, and TA ≅ 25°C (unless otherwise noted)
Input Offset Drift (
V/C)
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
0
4
8
12
16
20
80 units, μ = 0.01 μV/°C, σ = 0.29 μV/°C, DSN package
Figure 6-19. Input Offset Voltage Drift Distribution
Input Offset Drift (
V/C)
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
0
4
8
12
16
50 units, μ = –0.12 μV/°C, σ = 0.31 μV/°C, DBV-5 package
Figure 6-20. Input Offset Voltage Drift Distribution
Ambient Te mperature (
C)
-40
-20
0
20
40
60
80
100
120
140
0.66
0.69
0.72
0.75
0.78
0.81
0.84
0.87
0.9
0.93
0.96
35 units
Figure 6-21. Quiescent Current vs Ambient Temperature
Ambient Te mperature (
C)
-40
-20
0
20
40
60
80
100
120
140
50
100
150
200
250
300
350
400
450
500
550
600
650
700
35 units
Figure 6-22. Input Bias Current vs Ambient Temperature
Ambient Te mperature (
C)
-40
-20
0
20
40
60
80
100
120
140
-80
-60
-40
-20
0
20
40
60
80
100
Normalized to 25°C values, 35 units, DSN package
Figure 6-23. Input Offset Voltage vs Ambient Temperature
Power-Down Quiescent Current per Channel (
A)
6
8
10
12
14
16
18
0
4000
8000
12000
16000
20000
24000
28000
32000
36000
μ = 9.3 μA, σ = 0.32 μA
Figure 6-24. Power-Down Quiescent Current Distribution
www.ti.com
OPA863A, OPA2863A
SBOSA95G – MAY 2022 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: OPA863A OPA2863A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com