Electronic Components Datasheet Search
  English  ▼

X  

OPA607 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # OPA607
Description  OPAx863A High-Precision, 105MHz, Rail-to-Rail Input/Output Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA607 Datasheet(HTML) 24 Page - Texas Instruments

Back Button OPA607 Datasheet HTML 20Page - Texas Instruments OPA607 Datasheet HTML 21Page - Texas Instruments OPA607 Datasheet HTML 22Page - Texas Instruments OPA607 Datasheet HTML 23Page - Texas Instruments OPA607 Datasheet HTML 24Page - Texas Instruments OPA607 Datasheet HTML 25Page - Texas Instruments OPA607 Datasheet HTML 26Page - Texas Instruments OPA607 Datasheet HTML 27Page - Texas Instruments OPA607 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
8.3 Power Supply Recommendations
The OPAx863A is intended to operate on supplies ranging from 2.7 V to 12.6 V. The OPAx863A devices operate
on single-sided supplies, split and balanced bipolar supplies, or unbalanced bipolar supplies. Operating from a
single supply has numerous advantages. The dc errors, due to the –PSRR term, can be minimized with the
negative supply at ground. Typically, ac performance improves slightly at 10
‑V operation with minimal increase
in supply current. Minimize the distance (< 0.1 in) from the power supply pins to high-frequency, 0.01
‑µF
decoupling capacitors. A larger capacitor (2.2 µF typical) is used along with a high-frequency, 0.01
‑µF supply-
decoupling capacitor at the device supply pins. Only the positive supply has these capacitors for single-supply
operation. Use these capacitors from each supply to ground when a split-supply is used. If necessary, place the
larger capacitors further from the device and share these capacitors among several devices in the same area
of the printed circuit board (PCB). An optional supply decoupling capacitor across the two power supplies (for
split-supply operation) reduces second harmonic distortion.
8.4 Layout
8.4.1 Layout Guidelines
Achieving optimum performance with a high-frequency amplifier (like the OPAx863A) requires careful attention
to board layout parasitics and external component types. The High Speed Amplifiers Generic DSN Evaluation
Module user's guide can be used as a reference when designing the circuit board. Recommendations that
optimize performance includes the following:
1. Minimize parasitic capacitance to any ac ground for all of the signal I/O pins. Parasitic capacitance on
the output and inverting input pins can cause instability on the noninverting input and can react with the
source impedance to cause unintentional band-limiting. Open a window around the signal I/O pins in all of
the ground and power planes around those pins to reduce unwanted capacitance. Otherwise, ground and
power planes must be unbroken elsewhere on the board.
2. Minimize the distance (< 0.1 in) from the power-supply pins to high-frequency 0.01
‑µF decoupling
capacitors. Avoid narrow power and ground traces to minimize inductance between the pins and the
decoupling capacitors. Always decouple the power-supply connections these capacitors. Use larger (2.2
‑µF
to 6.8
‑µF) decoupling capacitors, effective at lower frequency, on the supply pins. These capacitors can be
placed somewhat farther from the device and shared among several devices in the same area of the PCB.
3. Carefully select and place external components to preserve the high-frequency performance of the
OPAx863A. Use low-reactance-type resistors. Surface-mount resistors work best and allow a tighter overall
layout. Place other network components, such as noninverting input termination resistors, close to the
package. Keep resistor values as low as possible and consistent with load-driving considerations. Lower the
resistor values to keep the resistor noise terms low and minimize the effect of the parasitic capacitance.
Lower resistor values, however, increase the dynamic power consumption because RF and RG become part
of the amplifier output load network.
OPA863A, OPA2863A
SBOSA95G – MAY 2022 – REVISED DECEMBER 2024
www.ti.com
24
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: OPA863A OPA2863A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com