Electronic Components Datasheet Search
  English  ▼

X  

OPA607 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # OPA607
Description  OPAx863A High-Precision, 105MHz, Rail-to-Rail Input/Output Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA607 Datasheet(HTML) 15 Page - Texas Instruments

Back Button OPA607 Datasheet HTML 11Page - Texas Instruments OPA607 Datasheet HTML 12Page - Texas Instruments OPA607 Datasheet HTML 13Page - Texas Instruments OPA607 Datasheet HTML 14Page - Texas Instruments OPA607 Datasheet HTML 15Page - Texas Instruments OPA607 Datasheet HTML 16Page - Texas Instruments OPA607 Datasheet HTML 17Page - Texas Instruments OPA607 Datasheet HTML 18Page - Texas Instruments OPA607 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
6.9 Typical Characteristics: VS = 3 V
at VS+ = 3 V, VS– = 0 V, RF = 0 Ω for G = 1 V/V, otherwise RF = 1 kΩ for other gains, CL = 1 pF, RL = 2 kΩ connected to 1 V,
G = 1 V/V, input and output VCM = 1 V, and TA ≅ 25°C (unless otherwise noted)
Frequency (Hz)
-21
-18
-15
-12
-9
-6
-3
0
3
100k
1M
10M
100M
G = 1 V/V
G = -1 V/V
G = 2 V/V
G = 5 V/V
G = 10 V/V
VOUT = 20 mVPP
Figure 6-28. Small-Signal Frequency Response vs Gain
Frequency (Hz)
-140
-120
-100
-80
-60
-40
1k
10k
100k
1M
10M
HD2
HD3
VOUT = 1 VPP
Figure 6-29. Harmonic Distortion vs Frequency
Time (20 ns/div)
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
Figure 6-30. Small-Signal Transient Response
Time (100 ns/div)
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
Figure 6-31. Large-Signal Transient Response
Input Common-Mode Voltage (V)
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
-20
-10
0
10
20
30
40
50
VS = ±1.5 V, measured for 10 units
Figure 6-32. Input Offset Voltage vs Input Common-Mode
Voltage
Input Common-Mode Voltage (V)
-2
-1
0
1
2
-300
-200
-100
0
100
200
300
VS = ±1.5 V
Figure 6-33. Input Bias Current vs Input Common-Mode Voltage
www.ti.com
OPA863A, OPA2863A
SBOSA95G – MAY 2022 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: OPA863A OPA2863A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com