Electronic Components Datasheet Search
  English  ▼

X  

HT48F06E Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT48F06E
Description  I/O Flash Type MCU with EEPROM
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48F06E Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT48F06E Datasheet HTML 13Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 14Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 15Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 16Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 17Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 18Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 19Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 20Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 69 page
background image
HT48F06E/HT48F10E/HT48F30E
Rev. 1.00
17
September 10, 2007
When reading data from the EEPROM, the data will
clocked out on the rising edge of SK and appear on DO.
The DO pin will normally be in a high-impedance condi-
tion unless a READ statement is being executed. When
writing to the EEPROM the data must be presented first
on DI and then clocked in on the rising edge of SK. After
all the instruction, address and data information has
been transmitted, CS should be cleared to
²0² to termi-
nate the instruction transmission. Note that after power
on the EEPROM must be initialised as described.
As indirect addressing is the only way to access the
EECR register, all read and write operations to this reg-
ister must take place using the Indirect Addressing Reg-
ister, IAR1, and the Memory Pointer, MP1. Because the
EECR control register is located in Bank 1 of the RAM
Data Memory at location 40H, the MP1 Memory Pointer
must first be set to the value 40H and the Bank Pointer
set to
²1².
EEPROM Data Memory Instruction Set
Control over the internal EEPROM, to execute functions
such as read, write, disable, enable etc., is implemented
through instructions of which there are a total of seven.
The related instruction is transmitted to the EEPROM
via the DI bit, after CS has first been set to
²1² to enable
the EEPROM and a start bit
²1² has been transmitted.
For the READ, WRITE and ERASE instructions, each of
the three instructions has its own two bit related instruc-
tion code. The 7-bit address should then be transmitted.
The address is transmitted in MSB first format.
For the other four instructions,
²EWEN², ²EWDS²,
²ERAL² and ²WRAL², after the start bit has been trans-
mitted a
²00² instruction code should then follow. The
7-bit address information should then follow. The first
two bits of this address is instruction dependant as
shown in the table while the remaining bits have don
¢t
care values and can be either high or low.
After any write or erase instruction is issued, the internal
write function of the EEPROM will be used to write the
data into the device. As this internal write operation uses
the EEPROM
¢s own internal clock, no further instruc-
tions will be accepted by the EEPROM until the internal
write function has ended. After power on and before any
instruction is issued the EEPROM must be properly in-
itialised to ensure proper operation.
C S
S K
D O
D I
t C D S
t C S S
t C S H
t S K L
t S K H
t D I S
t D I H
t P D 1
t P D 0
1
V a l i d D a t a
V a l i d D a t a
Clocking Data In and Out of the EEPROM
Instruction
Function
Start Bit
Instruction
Code
Address
Data
READ
Read Out Data Byte(s)
1
10
A6~A0
D7~D0
ERASE
Erase Single Data Byte
1
11
A6~A0
¾
WRITE
Write Single Data Byte
1
01
A6~A0
D7~D0
EWEN
Erase/Write Enable
1
00
11 XXXXX
¾
EWDS
Erase/Write Disable
1
00
00 XXXXX
¾
ERAL
Erase All
1
00
10 XXXXX
¾
WRAL
Write All
1
00
01 XXXXX
¾
Instruction Set Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com