Electronic Components Datasheet Search
  English  ▼

X  

HT48F06E Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT48F06E
Description  I/O Flash Type MCU with EEPROM
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48F06E Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT48F06E Datasheet HTML 15Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 16Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 17Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 18Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 19Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 20Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 21Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 22Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 23Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 69 page
background image
HT48F06E/HT48F10E/HT48F30E
Rev. 1.00
19
September 10, 2007
EWEN/EWDS
The
²EWEN² instruction is the Erase/Write Enable in-
struction and the
²EWDS² instruction is the Erase/Write
Disable instruction. To instigate an
²EWEN² or ²EWDS²
instruction, the CS bit should first be set high, followed
by a high start bit and then the instruction code
²00². For
the
²EWEN² instruction, a ²11² should then be transmit-
ted and for the
²EWDS² instruction a ²00² should be
transmitted. Following on from this, 5-bits of
²don¢t care²
data should then be transmitted to complete the instruc-
tion. If the device is already in the Erase Write Disable
mode then no write or erase operations can be executed
thus protecting the internal EEPROM data. Before any
write or erase instruction is executed an
²EWEN² in-
struction must be issued. After the
²EWEN² instruction
is executed, the device will remain in the Erase Write
Enable mode until a subsequent
²EWDS² instruction is
issued or until the device is powered down.
ERAL
The
²ERAL² instruction is used to erase the whole con-
tents of the EEPROM memory. After it has been exe-
cuted all the data in the EEPROM will be set to
²1².To
instigate this instruction, the CS bit should be set high,
followed by a high start bit and then the instruction code
²00². Following on from this, a ²10² should then be
transmitted. This should be followed by 5-bits of
²don¢t
care
² data to complete the instruction. After the ²ERAL²
instruction code has been transmitted, the EEPROM
data will be erased when the CS bit is cleared to zero.
The EEPROM does this by executing an internal
write-cycle. This process takes place internally using
the EEPROM
¢s own internal clock and does not require
any action from the SK clock. No further instructions can
be accepted by the EEPROM until this internal
write-cycle has finished. To determine when the write
cycle has ended, CS should be again brought high and
the DO bit polled. If D0 is low this indicates that the inter-
nal write-cycle is still in progress, however the D0 bit will
change to a high value when the internal write-cycle has
ended. Before an
²ERAL² instruction is transmitted an
²EWEN² instruction must have been transmitted at
some point earlier to ensure that the erase/write function
of the EEPROM is enabled.
WRAL
The WRAL instruction is used to write the same data
into the entire EEPROM. To instigate this instruction, the
CS bit should be set high, followed by a high start bit and
then the instruction code
²00². Following on from this, a
²01² should then be transmitted. This should be fol-
lowed by 5-bits of
²don¢t care² data. The data informa-
tion should then follow with the MSB bit being
transmitted first. After the instruction code and data
have been transmitted, the data will be written into the
EEPROM when the CS bit is cleared to zero. The
EEPROM does this by executing an internal write-cycle.
This process takes place internally using the
EEPROM
¢s own internal clock and does not require any
action from the SK clock. No further instructions can be
accepted by the EEPROM until this internal write-cycle
has finished. To determine when the write cycle has
ended, CS should be again brought high and the DO bit
polled. If D0 is low this indicates that the internal
write-cycle is still in progress, however the D0 bit will
change to a high value when the internal write-cycle has
ended. Before a
²WRAL² instruction is transmitted an
²EWEN² instruction must have been transmitted at
some point earlier to ensure that the erase/write function
of the EEPROM is enabled. The WRAL instruction will
automatically erase any previously written data making
it unnecessary to first issue an erase instruction.
C S
S K
S t a n d b y
D I
0
1
0
S t a r t b i t
E W E N = 1 1
X X X X X - - 5 - b i t d o n ' t c a r e
E W D S = 0 0
EWEN/EWDS Timing
C S
S K
D O
S t a n d b y
D I
t S V
t C D S
B u s y
R e a d y
V e r i f y
1
0
0
0
1
t P R
S t a r t b i t
1
X X X X X - - 5 - b i t d o n ' t c a r e
ERAL Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com