Electronic Components Datasheet Search
  English  ▼

X  

HT48F06E Datasheet(PDF) 41 Page - Holtek Semiconductor Inc

Part # HT48F06E
Description  I/O Flash Type MCU with EEPROM
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48F06E Datasheet(HTML) 41 Page - Holtek Semiconductor Inc

Back Button HT48F06E Datasheet HTML 37Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 38Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 39Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 40Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 41Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 42Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 43Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 44Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 45Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 69 page
background image
HT48F06E/HT48F10E/HT48F30E
Rev. 1.00
41
September 10, 2007
Configuration Options
Configuration options refer to certain options within the MCU that are programmed into the Flash Type Program Mem-
ory device during the programming process. During the development process, these options are selected using the
HT-IDE software development tools. As these options are programmed into the device using the hardware program-
ming tools, once they are selected they cannot be changed later by the application software.
All options must be defined for proper system function, the details of which are shown in the table.
No.
Options
1
Watchdog Timer: enable or disable
2
Watchdog Timer clock source: WDT oscillator or fSYS/4
3
CLRWDT instructions: 1 or 2 instructions
4
PA0~PA7: wake-up enable or disable (bit option)
5
PA, PB and PC: pull-high enable or disable (port numbers are device dependent)
6
PA input type: CMOS or Schmitt Trigger (HT48F06E excepted)
7
Buzzer function: enable or normal I/O
8
System oscillator: Crystal or RC
9
LVR function: enable or disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com