Electronic Components Datasheet Search
  English  ▼

X  

HT48F06E Datasheet(PDF) 27 Page - Holtek Semiconductor Inc

Part # HT48F06E
Description  I/O Flash Type MCU with EEPROM
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48F06E Datasheet(HTML) 27 Page - Holtek Semiconductor Inc

Back Button HT48F06E Datasheet HTML 23Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 24Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 25Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 26Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 27Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 28Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 29Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 30Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 31Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 69 page
background image
HT48F06E/HT48F10E/HT48F30E
Rev. 1.00
27
September 10, 2007
Timer Register
- TMR
The timer register is a special function register located in
the Special Purpose RAM Data Memory and is the place
where the actual timer value is stored. This register is
known as TMR. The value in the timer register increases
by one each time an internal clock pulse is received or
an external transition occurs on the external timer pin.
The timer will count from the initial value loaded by the
preload register to the full count of FFH at which point
the timer overflows and an internal interrupt signal is
generated. The timer value will then be reset with the ini-
tial preload register value and continue counting.
To achieve a maximum full range count of FFH the
preload register must first be cleared to all zeros. It
should be noted that after power-on, the preload register
will be in an unknown condition. Note that if the
Timer/Event Counter is switched off and data is written
to its preload register, this data will be immediately writ-
ten into the actual timer register. However, if the
Timer/Event Counter is enabled and counting, any new
data written into the preload data register during this pe-
riod will remain in the preload register and will only be
written into the timer register the next time an overflow
occurs.
Timer Control Register
- TMRC
The flexible features of the Holtek microcontroller
Timer/Event Counters enable them to operate in three
different modes, the options of which are determined by
the contents of their control register, which has the
name TMRC. It is the Timer Control Register together
with its corresponding timer register that control the full
operation of the Timer/Event Counter. Before the
Timer/Event Counter can be used, it is essential that the
Timer Control Register is fully programmed with the
right data to ensure its correct operation, a process that
is normally carried out during program initialisation.
To choose which of the three modes the Timer/Event
Counter is to operate in, either in the timer mode, the
event counting mode or the pulse width measurement
mode, bits 7 and 6 of the Timer Control Register, which
are known as the bit pair TM1/TM0, must be set to the
required logic levels. The Timer/Event Counter on/off
bit, which is bit 4 of the Timer Control Register and
known as TON, provides the basic on/off control of the
Timer/Event Counter. Setting the bit high allows the
Timer/Event Counter to run, clearing the bit stops it run-
ning. Bits 0~2 of the Timer Control Register determine
the division ratio of the input clock prescaler. The
prescaler bit settings have no effect if an external clock
source is used. If the Timer/Event Counter is in the
event count or pulse width measurement mode, the ac-
tive transition edge level type is selected by the logic
level of bit 3 of the Timer Control Register which is
known as TE.
N o t i m p l e m e n t e d , r e a d a s " 0 "
b 7
E v e n t C o u n t e r A c t i v e E d g e S e l e c t
1 : c o u n t o n f a l l i n g e d g e
0 : c o u n t o n r i s i n g e d g e
T E
T O N
T M 0
T M 1
T i m e r P r e s c a l e r R a t e S e l e c t
P S C 2
0
0
0
0
1
1
1
1
b 0
P S C 2 P S C 1 P S C 0
P S C 1
0
0
1
1
0
0
1
1
P S C 0
0
1
0
1
0
1
0
1
T i m e r R a t e
1 : 2
1 : 4
1 : 8
1 : 1 6
1 : 3 2
1 : 6 4
1 : 1 2 8
1 : 2 5 6
T i m e r / E v e n t C o u n t e r C o u n t i n g E n a b l e
1 : e n a b l e
0 : d i s a b l e
O p e r a t i n g M o d e S e l e c t
T M 1
0
0
1
1
T M 0
0
1
0
1
n o m o d e a v a i l a b l e
e v e n t c o u n t e r m o d e
t i m e r m o d e
p u l s e w i d t h m e a s u r e m e n t m o d e
P u l s e W i d t h M e a s u r e m e n t A c t i v e E d g e S e l e c t
1 : s t a r t c o u n t i n g o n r i s i n g e d g e , s t o p o n f a l l i n g e d g e
0 : s t a r t c o u n t i n g o n f a l l i n g e d g e , s t o p o n r i s i n g e d g e
T M R C R e g i s t e r
Timer/Event Counter Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com