Electronic Components Datasheet Search
  English  ▼

X  

HT48F06E Datasheet(PDF) 29 Page - Holtek Semiconductor Inc

Part # HT48F06E
Description  I/O Flash Type MCU with EEPROM
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48F06E Datasheet(HTML) 29 Page - Holtek Semiconductor Inc

Back Button HT48F06E Datasheet HTML 25Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 26Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 27Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 28Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 29Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 30Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 31Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 32Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 33Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 69 page
background image
HT48F06E/HT48F10E/HT48F30E
Rev. 1.00
29
September 10, 2007
In this mode the internal clock, fSYS, is used as the
Timer/Event Counter clock. However, this clock source
is further divided by a prescaler, the value of which is de-
termined by the Prescaler Rate Select bits, which are
bits 0~3 in the Timer Control Register. After the other
bits in the Timer Control Register have been setup, the
enable bit, which is bit 4 of the Timer Control Register,
can be set high to enable the Timer/Event Counter, how-
ever it will not actually start counting until an active edge
is received on the external timer pin.
If the Active Edge Select bit, which is bit 3 of the Timer
Control Register, is low, once a high to low transition has
been received on the external timer pin, the Timer/Event
Counter will start counting until the external timer pin re-
turns to its original high level. At this point the enable bit
will be automatically reset to zero and the Timer/Event
Counter will stop counting. If the Active Edge Select bit
is high, the Timer/Event Counter will begin counting
once a low to high transition has been received on the
external timer pin and stop counting when the external
timer pin returns to its original low level. As before, the
enable bit will be automatically reset to zero and the
Timer/Event Counter will stop counting. It is important to
note that in the Pulse Width Measurement Mode, the
enable bit is automatically reset to zero when the exter-
nal control signal on the external timer pin returns to its
original level, whereas in the other two modes the en-
able bit can only be reset to zero under program control.
The residual value in the Timer/Event Counter, which
can now be read by the program, therefore represents
the length of the pulse received on the external timer
pin. As the enable bit has now been reset, any further
transitions on the external timer pin will be ignored. Not
until the enable bit is again set high by the program can
the timer begin further pulse width measurements. In
this way, single shot pulse measurements can be easily
made.
It should be noted that in this mode the Timer/Event
Counter is controlled by logical transitions on the exter-
nal timer pin and not by the logic level. When the
Timer/Event Counter is full and overflows, an interrupt
signal is generated and the Timer/Event Counter will re-
load the value already loaded into the preload register
and continue counting. The interrupt can be disabled by
ensuring that the Timer/Event Counter Interrupt Enable
bit in the Interrupt Control Register, INTC, is reset to
zero.
As the external timer pin is shared with an I/O pin, to en-
sure that the pin is configured to operate as a pulse
width measurement pin, two things have to happen. The
first is to ensure that the Operating Mode Select bits in
the Timer Control Register place the Timer/Event Coun-
ter in the Pulse Width Measurement Mode, the second
is to ensure that the port control register configures the
pin as an input.
Programmable Frequency Divider (PFD) and Buzzer
Application
Operating similar to a programmable frequency divider,
the buzzer function within the microcontroller provides a
means of producing a variable frequency output suitable
for applications, such as piezo-buzzer driving or other
interfaces requiring a precise frequency generator.
The BZ and BZ are a complimentary pair and pin-shared
with I/O pins, PB0 and PB1. The function is selected via
configuration option, however, if not selected, the pins
can operate as normal I/O pins. Note that the BZ pin is
the inverse of the BZ pin generating a kind of differential
output and supplying more power to connected inter-
faces such as buzzers. Note that the 16-pin NSOP
package type only has a single BZ output as pin PB1/BZ
does not exist on this package.
The timer overflow signal is the clock source for the
buzzer circuit. The output frequency is controlled by
loading the required values into the timer prescaler and
timer registers to give the required division ratio. The
counter will begin to count-up from this preload register
value until full, at which point an overflow signal is gen-
erated, causing both the BZ and BZ outputs to change
state. The counter will then be automatically reloaded
with the preload register value and continue count-
ing-up.
If the configuration option has selected the buzzer func-
tion, then for both buzzer outputs to operate, it is essen-
tial that the Port B control register PBC bit 0 and PBC bit
1 are setup as outputs. If only one pin is setup as an out-
put, the other pin can still be used as a normal data input
pin. However, if both pins are setup as inputs then the
buzzer will not function. The buzzer outputs will only be
+ 1
+ 2
+ 3
+ 4
T i m e r
E x t e r n a l T M R
P i n I n p u t
T O N ( w i t h T E = 0 )
P r e s c a l e r O u t p u t
I n c r e m e n t
T i m e r C o u n t e r
P r e s c a l e r O u t p u t i s s a m p l e d a t e v e r y f a l l i n g e d g e o f T 1 .
Pulse Width Measure Mode Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com