Electronic Components Datasheet Search
  English  ▼

X  

MICRF112 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MICRF112
Description  QwikRadio짰 UHF ASK/FSK Transmitter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF112 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MICRF112 Datasheet HTML 1Page - Micrel Semiconductor MICRF112 Datasheet HTML 2Page - Micrel Semiconductor MICRF112 Datasheet HTML 3Page - Micrel Semiconductor MICRF112 Datasheet HTML 4Page - Micrel Semiconductor MICRF112 Datasheet HTML 5Page - Micrel Semiconductor MICRF112 Datasheet HTML 6Page - Micrel Semiconductor MICRF112 Datasheet HTML 7Page - Micrel Semiconductor MICRF112 Datasheet HTML 8Page - Micrel Semiconductor MICRF112 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Micrel, Inc.
MICRF112
March 2007
5
M9999-030107
(408) 944-0800
Electrical Characteristics (cont.)
Parameter
Condition
Min
Typ
Max
Units
High (VIH)
0.8×VDD
V
Digital Input (EN, ASK and
FSK)
Low (VIL)
0.2×VDD
V
High (VIH)
0.05
µA
Digital Input Leakage
Current
(EN, ASK and FSK Pins)
Low (VIL)
0.05
µA
Under Voltage Lock Out
(UVLO)
1.6
V
Note 1. Exceeding the absolute maximum rating may damage the device.
Note 2. The device is not guaranteed to function outside its operating rating.
Note 3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
Note 4. Measured using Test Circuit in Figure 2.
Note 5. Dependent on crystal
Note 6. RBW = 100kHz, OBW measured at -20dBc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com