Electronic Components Datasheet Search
  English  ▼

X  

MICRF112 Datasheet(PDF) 12 Page - Micrel Semiconductor

Part # MICRF112
Description  QwikRadio짰 UHF ASK/FSK Transmitter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF112 Datasheet(HTML) 12 Page - Micrel Semiconductor

Back Button MICRF112 Datasheet HTML 8Page - Micrel Semiconductor MICRF112 Datasheet HTML 9Page - Micrel Semiconductor MICRF112 Datasheet HTML 10Page - Micrel Semiconductor MICRF112 Datasheet HTML 11Page - Micrel Semiconductor MICRF112 Datasheet HTML 12Page - Micrel Semiconductor MICRF112 Datasheet HTML 13Page - Micrel Semiconductor MICRF112 Datasheet HTML 14Page - Micrel Semiconductor MICRF112 Datasheet HTML 15Page - Micrel Semiconductor MICRF112 Datasheet HTML 16Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Micrel, Inc.
MICRF112
March 2007
12
M9999-030107
(408) 944-0800
Functional Diagram
Figure 3. Functional Block Diagram MICRF112 10 Pin ASK / FSK Version
Functional Description
Figure 3 shows a functional block diagram of the
MICRF112 transmitter. The MICRF112 can be best
described as a phase locked transmitter. The system
can be partitioned into six functional blocks; crystal
oscillator, PLL×32, power amplifier, enable control,
under voltage detect and open drain switch for FSK
operation.
Crystal Oscillator
The
reference
oscillator
is
crystal-based
Pierce
configuration. It is designed to accept crystals with
frequency from 9.375MHz to 14.0625MHz.
Crystal Oscillator Parameters for ASK Operation
Figure
4
shows
a
reference
oscillator
circuit
configuration for ASK operation. The reference oscillator
is capable of driving crystals with ESR range from 20
Ω
to 300
Ω.
When the ESR of crystal is at 20
Ω, the crystal parameter
limits are:
ESR 20
Ω
CPAR 2 to 10pF
CMO 10 to 40fF
Figure 4. Reference Oscillator ASK Operation
When the ESR of crystal is at 300
Ω, the crystal
parameter limits are:
ESR
300
Ω
CPAR
2 to 5pF
CMO
10 to 40fF
CLOAD
10 to 30pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com