Electronic Components Datasheet Search
  English  ▼

X  

MICRF112 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MICRF112
Description  QwikRadio짰 UHF ASK/FSK Transmitter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF112 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MICRF112 Datasheet HTML 2Page - Micrel Semiconductor MICRF112 Datasheet HTML 3Page - Micrel Semiconductor MICRF112 Datasheet HTML 4Page - Micrel Semiconductor MICRF112 Datasheet HTML 5Page - Micrel Semiconductor MICRF112 Datasheet HTML 6Page - Micrel Semiconductor MICRF112 Datasheet HTML 7Page - Micrel Semiconductor MICRF112 Datasheet HTML 8Page - Micrel Semiconductor MICRF112 Datasheet HTML 9Page - Micrel Semiconductor MICRF112 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Micrel, Inc.
MICRF112
March 2007
6
M9999-030107
(408) 944-0800
Test Circuit
Figure 2. MICRF112 Test Circuit with 50
Ω Output
Note 1. Values without parenthesis are for 433.92 MHz and values in parenthesis are for 315MHz
Note 2. C9 = 100pF for external REF-OSC
Note 3. For FSK R1 = 0
Ω, R2 = NP, R6 = 100k, and R5 = NP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com