Electronic Components Datasheet Search
  English  ▼

X  

MICRF112 Datasheet(PDF) 14 Page - Micrel Semiconductor

Part # MICRF112
Description  QwikRadio짰 UHF ASK/FSK Transmitter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF112 Datasheet(HTML) 14 Page - Micrel Semiconductor

Back Button MICRF112 Datasheet HTML 10Page - Micrel Semiconductor MICRF112 Datasheet HTML 11Page - Micrel Semiconductor MICRF112 Datasheet HTML 12Page - Micrel Semiconductor MICRF112 Datasheet HTML 13Page - Micrel Semiconductor MICRF112 Datasheet HTML 14Page - Micrel Semiconductor MICRF112 Datasheet HTML 15Page - Micrel Semiconductor MICRF112 Datasheet HTML 16Page - Micrel Semiconductor MICRF112 Datasheet HTML 17Page - Micrel Semiconductor MICRF112 Datasheet HTML 18Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Micrel, Inc.
MICRF112
March 2007
14
M9999-030107
(408) 944-0800
Application Information
Figure 6. ASK 433.92MHz and 315MHz
Note: Values in parenthesis are for 315MHz
The MICRF112 is well suited to drive a 50 ohms source,
monopole or a loop antenna. Figure 6 is an example of a
loop antenna configuration. Figure 6 also shows both
315MHz and 433.92MHz ASK configurations for a loop
antenna. Besides using a different crystal, Table 1 lists
modified values needed for the listed frequencies.
Frequency
(MHz)
L1
(nH)
C5
(pF)
L4
(nH)
C7
(pF)
Y1 (MHz)
315.0
470
10
150
6.8
9.84375
433.92
680
10
82
4.7
13.5600
Table 1
The reference design shown in Figure 6 has an antenna
optimized for using the matching network as described in
Table 1.
Power Control Using External Resistor
R7 is used to adjust the RF output levels which may be
needed to meet compliance. As an example, the
following tables list typical values of conducted RF
output levels and corresponding R7 resistor values for
the 50Ω test board shown in Figure 2. R7 of the TX112
Demo board using the loop antenna can be adjusted for
the appropriate radiated field allowed by FCC or ETSI
compliance. Contact Micrel for suggested values to meet
FCC and ETSI compliances.
R7,
Ω
Output Power, dBm
IDD, mA
0
10
6.7
75
8.5
6.3
100
8.0
6.2
500
1.6
4.13
1000
-3.8
4.87
Output Power Versus External Resistor at 315MHz
R7,
Ω
Output Power, dBm
IDD, mA
0
8.68
7.5
75
8.34
7.33
100
8.02
7.3
500
4.34
6.3
1000
0.42
5.5
Output Power Versus External Resistor at 433.92 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com