Electronic Components Datasheet Search
  English  ▼

X  

MICRF112 Datasheet(PDF) 19 Page - Micrel Semiconductor

Part # MICRF112
Description  QwikRadio짰 UHF ASK/FSK Transmitter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF112 Datasheet(HTML) 19 Page - Micrel Semiconductor

Back Button MICRF112 Datasheet HTML 12Page - Micrel Semiconductor MICRF112 Datasheet HTML 13Page - Micrel Semiconductor MICRF112 Datasheet HTML 14Page - Micrel Semiconductor MICRF112 Datasheet HTML 15Page - Micrel Semiconductor MICRF112 Datasheet HTML 16Page - Micrel Semiconductor MICRF112 Datasheet HTML 17Page - Micrel Semiconductor MICRF112 Datasheet HTML 18Page - Micrel Semiconductor MICRF112 Datasheet HTML 19Page - Micrel Semiconductor MICRF112 Datasheet HTML 20Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Micrel, Inc.
MICRF112
March 2007
19
M9999-030107
(408) 944-0800
Tx112-1-315MHz ASK Bill of Materials
Item
Quantity
Ref
Part
PCB
Footprint
Mfg P/N
Manufacturer
1
1
C1
10µF
0805
GRM21BR60J106KE01L
muRata
2
1
C2
100pF
0603
GRM1885C1H101JA01D
muRata
3
1
C5
10pF
0603
GRM1885C1H1000JA01D
muRata
4
3
R1,R4,R6
(np)
5
5
C6,C8,C11,C12,C15
(np)
6
1
C7
4.7pF
0603
GRM1885C1H6R8JA01D
muRata
7
1
C10
0.1µF
0603
GRM188F51H104ZA01D
muRata
8
2
C13,C14
18pF
0603
GRM1885C1H180JA01D
muRata
9
2
J1,J2
CON3
TSHR-114-S-02-A-GT
10
1
L1
470nH
0805
0805CS-470XJB
Coilcraft
11
1
L4
150nH
0603
0603CS-R15XJB
Coilcraft
12
1
L5
ANTENNA
ANTENNA LOOP, Part of
PCB
13
1
R2
100k
Ω
0603
CRCW0603100KFKEA
Vishay
14
6
R3,R5,R7
R8,JPR1,JPR2
0
Ω
0603
CRC06030000Z0EA
Vishay
13
1
U1
MICRF112YMM10
MICRF112YM
Micrel
14
1
Y1
9.84375MHZ
XTAL
SA-9.84375-F-10-C-3-3
HIB
Table 3
FSK Operation
Table 2 and 3 describe the ASK operation for 433.92MHz and 315MHz.
Table 4 lists the component values that change between ASK or FSK operation. Please note that use of a high FSK data
rate may excite parasitic resonant modes with some crystal types. Recommended crystals from Table 2 and 3 are good
for both ASK and FSK.
Mode
R1
R2
R5
R6
JPR1
JPR2
C8
ASK
NP
100k
Ω
0
Ω
NP
0
Ω
NP
NP
FSK
0
Ω
NP
NP
100k
Ω
NP
0
Ω
(1)3.3pF
(2)10pF
Notes:
1.
C8 = 3.3pF for 1kHz using HC49/U or HC49US type crystals.
2.
C8= 10pF for 10kHz using HC49/U, (high profile) only.
Table 4: ASK and FSK Settings
R3
R4
Constant ON
0
Ω
NP
External Standby Control
NP
100k
Ω
Table 5: Enable Control (Shutdown)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com