Electronic Components Datasheet Search
  English  ▼

X  

HT48RA5 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT48RA5
Description  Remote Type 8-Bit MCU
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48RA5 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT48RA5 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48RA5 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48RA5 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48RA5 Datasheet HTML 9Page - Holtek Semiconductor Inc HT48RA5 Datasheet HTML 10Page - Holtek Semiconductor Inc HT48RA5 Datasheet HTML 11Page - Holtek Semiconductor Inc HT48RA5 Datasheet HTML 12Page - Holtek Semiconductor Inc HT48RA5 Datasheet HTML 13Page - Holtek Semiconductor Inc HT48RA5 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
HT48RA5/HT48CA5
Rev. 1.30
10
October 12, 2007
During the execution of an interrupt subroutine, other in-
terrupt acknowledge signals are held until the
²RETI² in-
struction is executed or the EMI bit and the related
interrupt control bit are set to 1 (if the stack is not full). To
return from the interrupt subroutine,
²RET² or ²RETI²
may be invoked. RETI will set the EMI bit to enable an in-
terrupt service, but RET will not.
Interrupts, occurring in the interval between the rising
edges of two consecutive T2 pulses, will be serviced on
the latter of the two T2 pulses, if the corresponding inter-
rupts are enabled. In the case of simultaneous requests
the following table shows the priority that is applied.
These can be masked by resetting the EMI bit.
Interrupt Source
Priority
Vector
External Interrupt
1
04H
Timer/Event Counter 0 Overflow
2
08H
Timer/Event Counter 1 Overflow
3
0CH
The Timer/Event Counter 0/1 interrupt request flag
(T0F/T1F), external interrupt request flag (EIF), enable
Timer/Event Counter 0/1 interrupt bit (ET0I/ET1I), en-
able external interrupt bit (EEI) and enable master inter-
rupt bit (EMI) constitute an interrupt control register
(INTC) which is located at 0BH in the data memory. EMI,
EEI, ET0I and ET1I are used to control the enabling/dis-
abling of interrupts. These bits prevent the requested in-
terrupt from being serviced. Once the interrupt request
flags (T0F, T1F, EIF) are set, they will remain in the INTC
register until the interrupts are serviced or cleared by a
software instruction.
It is recommended that a program does not use the
²CALL subroutine² within the interrupt subroutine. In-
terrupts often occur in an unpredictable manner or
need to be serviced immediately in some applications.
If only one stack is left and enabling the interrupt is not
well controlled, the original control sequence will be dam-
aged once the
²CALL² operates in the interrupt subrou-
tine.
Oscillator Configuration
There are 2 oscillator circuits implemented in the
microcontroller.
Both of them are designed for system clocks, namely
the RC oscillator and the crystal oscillator, which are de-
termined by options. No matter what oscillator type is
selected, the signal provides the system clock. The
HALT mode stops the system oscillator and resists the
external signal to conserve power.
If an RC oscillator is used, an external resistor between
OSC1 and VSS is required and the resistance should
range from 100k
W to 820kW. The system clock, divided
by 4, is available on OSC2, which can be used to syn-
chronize external logic. The internal RC oscillator pro-
vides the most cost effective solution. However, the
frequency of oscillation may vary with VDD, tempera-
tures and the chip itself due to process variations. It is,
therefore, not suitable for timing sensitive operations
where an accurate oscillator frequency is desired.
If the crystal oscillator is used, a crystal across OSC1
and OSC2 is needed to provide the feedback and phase
shift required for the oscillator, and no other external
components are demanded. Instead of a crystal, the
resonator can also be connected between OSC1 and
OSC2 to get a frequency reference, but two external ca-
pacitors in OSC1 and OSC2 are required.
The WDT oscillator is a free running on-chip RC oscilla-
tor, and no external components are required. Even if
the system enters the power down mode, the system
clock is stopped, but the WDT oscillator still works with a
period of approximately 90
ms. The WDT oscillator can
be disabled by ROM code option to conserve power.
Bit No.
Label
Function
0
EMI
Controls the master (global) interrupt (1= enabled; 0= disabled)
1
EEI
Controls the external interrupt (1= enabled; 0= disabled)
2
ET0I
Controls the Timer/Event Counter 0 interrupt (1= enabled; 0= disabled)
3
ET1I
Controls the Timer/Event Counter 1 interrupt (1= enabled; 0= disabled)
4
EIF
External interrupt request flag (1= active; 0= inactive)
5
T0F
Internal Timer/Event Counter 0 request flag (1= active; 0= inactive)
6
T1F
Internal Timer/Event Counter 1 request flag (1= active; 0= inactive)
7
¾
Unused bit, read as
²0²
INTC (0BH) Register
C r y s t a l O s c i l l a t o r
R C O s c i l l a t o r
O S C 1
O S C 2
N M O S O p e n D r a i n
O S C 2
f S Y S / 4
O S C 1
System Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com