Electronic Components Datasheet Search
  English  ▼

X  

HT48RA5 Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT48RA5
Description  Remote Type 8-Bit MCU
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48RA5 Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT48RA5 Datasheet HTML 11Page - Holtek Semiconductor Inc HT48RA5 Datasheet HTML 12Page - Holtek Semiconductor Inc HT48RA5 Datasheet HTML 13Page - Holtek Semiconductor Inc HT48RA5 Datasheet HTML 14Page - Holtek Semiconductor Inc HT48RA5 Datasheet HTML 15Page - Holtek Semiconductor Inc HT48RA5 Datasheet HTML 16Page - Holtek Semiconductor Inc HT48RA5 Datasheet HTML 17Page - Holtek Semiconductor Inc HT48RA5 Datasheet HTML 18Page - Holtek Semiconductor Inc HT48RA5 Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
HT48RA5/HT48CA5
Rev. 1.30
15
October 12, 2007
There are 3 registers related to Timer/Event Counter 1;
TMR1H(0FH), TMR1L(10H), TMR1C(11H). Writing
TMR1L will only put the written data to an internal
lower-order byte buffer (8 bits) and writing TMR1H will
transfer the specified data and the contents of the
lower-order byte buffer to TMR1H and TMR1L preload
registers, respectively. The Timer/Event Counter 1
preload register is changed by each writing TMR1H op-
erations. Reading TMR1H will latch the contents of
TMR1H and TMR1L counters to the destination and the
lower-order byte buffer, respectively. Reading the
TMR1L will read the contents of the lower-order byte
buffer. The TMR1C is the Timer/Event Counter 1 control
register, which defines the operating mode, counting en-
able or disable and active edge.
The T1M0, T1M1 bits define the operating mode. The
event count mode is used to count external events,
which means the clock source comes from an external
(TMR1) pin. The timer mode functions as a normal timer
with the clock source coming from the instruction clock.
The pulse width measurement mode can be used to
count the high or low level duration of the external signal
(TMR1). The counting is based on the instruction clock.
In the event count or timer mode, once the Timer/Event
Counter 1 starts counting, it will count from the current
contents in the Timer/Event Counter 1 to FFFFH. Once
overflow occurs, the counter is reloaded from the
Timer/Event Counter 1 preload register and generates
the corresponding interrupt request flag (T1F; bit 6 of
INTC) at the same time.
In pulse width measurement mode with the T1ON and
T1E bits are equal to one, once the TMR1 has received
a transition from low to high (or high to low if the T1E bit
is 0) it will start counting until the TMR1 returns to the
original level and reset the T1ON. The measured result
will remain in the Timer/Event Counter 1 even if the acti-
vated transition occurs again. In other words, only one
cycle measurement can be done. Until setting the
T1ON, the cycle measurement will function again as
long as it receives further transition pulse. Note that, in
this operating mode, the Timer/Event Counter 1 starts
counting not according to the logic level but according to
the transition edges. In the case of counter overflows,
the counter 1 is reloaded from the Timer/Event Counter
1 preload register and issues the interrupt request just
like the other two modes.
To enable the counting operation, the timer ON bit
(T1ON; bit 4 of TMR1C) should be set to 1. In the pulse
width measurement mode, the T1ON will be cleared au-
tomatically after the measurement cycle is complete.
But in the other two modes the T1ON can only be reset
by instructions. The overflow of the Timer/Event Coun-
ter 1 is one of the wake-up sources. No matter what the
operation mode is, writinga0to ET1I can disabled the
corresponding interrupt service.
In the case of Timer/Event Counter 1 OFF condition,
writing data to the Timer/Event Counter 1 preload regis-
ter will also load the data to Timer/Event Counter 1. But
if the Timer/Event Counter 1 is turned on, data written to
the Timer/Event Counter 1 will only be kept in the
T 0 M 1
T 0 M 0
T M R 0
T 0 E
T 0 M 1
T 0 M 0
T 0 O N
P u l s e W i d t h
M e a s u r e m e n t
M o d e C o n t r o l
T i m e r / E v e n t C o u n t e r 0
P r e l o a d R e g i s t e r
8 - b i t
T i m e r / E v e n t C o u n t e r
( T M R 0 )
D a t a B u s
R e l o a d
¸ 2
P F D
8 - s t a g e P r e s c a l e r
8 - 1 M U X
f S Y S
f I N T
T 0 P S C 2 ~ T 0 P S C 0
( 1 / 2 ~ 1 / 2 5 6 )
O v e r f l o w t o I n t e r r u p t
Timer/Event Counter 0
T 1 M 1
T 1 M 0
T M R 1
T 1 E
T 1 M 1
T 1 M 0
T 1 O N
P u l s e W i d t h
M e a s u r e m e n t
M o d e C o n t r o l
1 6 - b i t
T i m e r / E v e n t C o u n t e r
P r e l o a d R e g i s t e r
D a t a B u s
R e l o a d
O v e r f l o w t o I n t e r r u p t
1 6 - b i t
T i m e r / E v e n t C o u n t e r
( T M R 1 H / T M R 1 L )
L o w B y t e
B u f f e r
f S Y S / 4
Timer/Event Counter 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com