Electronic Components Datasheet Search
  English  ▼

X  

HT48RA5 Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT48RA5
Description  Remote Type 8-Bit MCU
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48RA5 Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT48RA5 Datasheet HTML 16Page - Holtek Semiconductor Inc HT48RA5 Datasheet HTML 17Page - Holtek Semiconductor Inc HT48RA5 Datasheet HTML 18Page - Holtek Semiconductor Inc HT48RA5 Datasheet HTML 19Page - Holtek Semiconductor Inc HT48RA5 Datasheet HTML 20Page - Holtek Semiconductor Inc HT48RA5 Datasheet HTML 21Page - Holtek Semiconductor Inc HT48RA5 Datasheet HTML 22Page - Holtek Semiconductor Inc HT48RA5 Datasheet HTML 23Page - Holtek Semiconductor Inc HT48RA5 Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
Example
HT48RA5/HT48CA5
Rev. 1.30
20
October 12, 2007
H T 4 8 R A 5 / H T 4 8 C A 5
R E S
0 . 1 m F
1 0 0 k W
V D D
V S S
0 . 1 m F
V D D
R e s e t
C i r c u i t
V D D
P B 0 / P F D
2 2 0 W ~ 1 k W
1 0 0 m F
3 3 W
1 W
O S C 1
O S C 2
O S C
C i r c u i t
V b a t
P A 0
P A 1
P A 2
P A 3
P A 4
P A 5
P A 6
P A 7
P B 2
P B 3
P B 4
P B 5
P B 6
P B 7
P C 0 / T M R 0
P C 1
P F 0 / I N T
( L e a r n i n g I n p u t )
P C 2
P C 3
P C 4
P C 5 / T M R 1
R e c e i v e r
E E P R O M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com