Electronic Components Datasheet Search
  English  ▼

X  

HT48RA5 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT48RA5
Description  Remote Type 8-Bit MCU
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48RA5 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT48RA5 Datasheet HTML 13Page - Holtek Semiconductor Inc HT48RA5 Datasheet HTML 14Page - Holtek Semiconductor Inc HT48RA5 Datasheet HTML 15Page - Holtek Semiconductor Inc HT48RA5 Datasheet HTML 16Page - Holtek Semiconductor Inc HT48RA5 Datasheet HTML 17Page - Holtek Semiconductor Inc HT48RA5 Datasheet HTML 18Page - Holtek Semiconductor Inc HT48RA5 Datasheet HTML 19Page - Holtek Semiconductor Inc HT48RA5 Datasheet HTML 20Page - Holtek Semiconductor Inc HT48RA5 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
HT48RA5/HT48CA5
Rev. 1.30
17
October 12, 2007
After a chip reset, these input/output lines stay at high
levels (pull-high options) or floating state (non-pull-high
options). Each bit of these input/output latches can be
set or cleared by
²SET [m].i² (m=12H, 14H, 16H or 1CH)
instructions. Some instructions first input data and then
follow the output operations. For example,
²SET [m].i²,
²CLR [m].i², ²CPLA [m]² read the entire port states into
the CPU, execute the defined operations (bit-operation),
and then write the results back to the latches or the ac-
cumulator.
Each line of port A has the capability of waking-up the
device. The highest 2 bits of port C and 7 bits of port F
are not physically implemented; on reading them a
²0² is
returned whereas writing then results in a no-operation.
Pull-high resistors of each port are decided by a option
bit.
The PB0 is pin-shared with PFD signal, respectively. If
the PFD option is selected, the output signal in output
mode of PB0 will be the PFD signal. The input mode al-
ways remain its original functions. The PF0 and PC0 are
pin-shared with INT and TMR0. The INT signal is di-
rectly connected to PF0. The PFD output signal (in out-
put mode) are controlled by the PB0 data register only.
The truth table of PB0/PFD is listed below.
The truth table of PB0/PFD is as shown.
PBC (15H) Bit0
I
O
O
O
PB0/PFD Option
x
PB0
PFD
PFD
PB0 (14H) Bit0
x
D
0
1
PB0 Pad Status
I
D
0
PFD
Note:
I: Input; O: Output; D: Data
Bank Pointer
There is a bank pointer used to control the program flow
to go to any banks. A bank contains 8K
´16 address
space. The contents of bank pointer are load into pro-
gram counter when the JMP or CALL instruction is exe-
cuted. The program counter is a 16-bit register whose
contents are used to specify the executed instruction
addresses.
When calling a subroutine or an interrupt event occur-
ring, the contents of the program counter are save into
stack registers. If a returning from subroutine occurs,
the contents of the program counter will restore from
stack registers.
BP.7
BP.6
BP.5
ROM
Address
0
0
0
Bank0
0000H~1FFFH
0
0
1
Bank1
2000H~3FFFH
0
1
0
Bank2
4000H~5FFFH
0
1
1
Bank3
6000H~7FFFH
1
0
1
Bank4
8000H~9FFFH
Bank Pointer
Low Voltage Reset
- LVR
The microcontroller provides low voltage reset circuit in
order to monitor the supply voltage of the device. If the
supply voltage of the device is within the range
0.9V~VLVR, such as changing a battery, the LVR will au-
tomatically reset the device internally.
The LVR includes the following specifications:
· The low voltage (0.9V~V
LVR) has to remain in their
original state to exceed 1ms. If the low voltage state
does not exceed 1ms, the LVR will ignore it and do not
perform a reset function.
· The LVR uses the
²OR² function with the external
RES signal to perform chip reset.
The relationship between VDD and VLVR is shown below.
5 . 5 V
1 . 8 V
0 . 9 V
V D D
V L V R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com