Electronic Components Datasheet Search
  English  ▼

X  

HT48RA5 Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT48RA5
Description  Remote Type 8-Bit MCU
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48RA5 Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT48RA5 Datasheet HTML 15Page - Holtek Semiconductor Inc HT48RA5 Datasheet HTML 16Page - Holtek Semiconductor Inc HT48RA5 Datasheet HTML 17Page - Holtek Semiconductor Inc HT48RA5 Datasheet HTML 18Page - Holtek Semiconductor Inc HT48RA5 Datasheet HTML 19Page - Holtek Semiconductor Inc HT48RA5 Datasheet HTML 20Page - Holtek Semiconductor Inc HT48RA5 Datasheet HTML 21Page - Holtek Semiconductor Inc HT48RA5 Datasheet HTML 22Page - Holtek Semiconductor Inc HT48RA5 Datasheet HTML 23Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
Application Circuits
Note:
1. Crystal/resonator system oscillators
For crystal oscillators, C1 and C2 are only required for some crystal frequencies to ensure oscillation. For
resonator applications C1 and C2 are normally required for oscillation to occur. For most applications it is
not necessary to add R1. However if the LVR function is disabled, and if it is required to stop the oscillator
when VDD falls below its operating range, it is recommended that R1 is added. The values of C1 and C2
should be selected in consultation with the crystal/resonator manufacturer specifications.
2. Reset circuit
The reset circuit resistance and capacitance values should be chosen to ensure that VDD is stable and re-
mains within its operating voltage range before the RES pin reaches a high level. Ensure that the length of
the wiring connected to the RES pin is kept as short as possible, to avoid noise interference.
3. For applications where noise may interfere with the reset circuit and for details on the oscillator external
components, refer to Application Note HA0075E for more information.
HT48RA5/HT48CA5
Rev. 1.30
19
October 12, 2007
H T 4 8 R A 5 / H T 4 8 C A 5
O S C 1
O S C 2
O S C
C i r c u i t
R E S
0 . 1 m F
1 0 0 k W
V D D
V S S
0 . 1 m F
V D D
R e s e t
C i r c u i t
O S C C i r c u i t
R C S y s t e m O s c i l l a t o r
1 0 0 k W < R O S C < 8 2 0 k W
V D D
R O S C
f S Y S / 4
O S C 1
O S C 2
4 7 0 p F
O S C 1
O S C 2
R 1
C 1
C 2
C r y s t a l / R e s o n a t o r
S y s t e m O s c i l l a t o r
F o r R 1 , C 1 , C 2 s e e n o t e
P F 0 / I N T
P C 0 / T M R 0
P A 0 ~ P A 7
P B 1 ~ P B 7
P C 1 ~ P C 4
P C 5 / T M R 1
P B 0 / P F D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com