Electronic Components Datasheet Search
  English  ▼

X  

SC604A Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC604A
Description  Low Noise, High Efficiency Regulated White LED Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC604A Datasheet(HTML) 5 Page - Semtech Corporation

  SC604A Datasheet HTML 1Page - Semtech Corporation SC604A Datasheet HTML 2Page - Semtech Corporation SC604A Datasheet HTML 3Page - Semtech Corporation SC604A Datasheet HTML 4Page - Semtech Corporation SC604A Datasheet HTML 5Page - Semtech Corporation SC604A Datasheet HTML 6Page - Semtech Corporation SC604A Datasheet HTML 7Page - Semtech Corporation SC604A Datasheet HTML 8Page - Semtech Corporation SC604A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
 2005 Semtech Corp.
www.semtech.com
SC604A
POWER MANAGEMENT
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
1N
Ee
l
b
a
n
e
h
g
i
h
e
v
it
c
A
20
L
R
T
C)
6
e
g
a
p
n
o
1
e
l
b
a
T
e
e
s
(
0
ti
b
l
o
r
t
n
o
c
t
u
p
t
u
O
31
L
R
T
C)
6
e
g
a
p
n
o
1
e
l
b
a
T
e
e
s
(
1
ti
b
l
o
r
t
n
o
c
t
u
p
t
u
O
42
L
R
T
C)
6
e
g
a
p
n
o
1
e
l
b
a
T
e
e
s
(
2
ti
b
l
o
r
t
n
o
c
t
u
p
t
u
O
5T
E
S
I
R
r
o
t
s
i
s
e
r
e
h
t
f
o
e
u
l
a
v
e
h
t
y
b
t
e
s
s
i
t
n
e
r
r
u
c
D
E
L
T
E
S
t
o
n
o
D
.
d
n
u
o
r
g
o
t
n
i
p
T
E
S
I
e
h
t
m
o
r
f
d
e
t
c
e
n
n
o
c
V
.
n
i
p
T
E
S
I
e
h
t
t
r
o
h
s
T
E
S
I
V
2
2
.
1
y
ll
a
c
i
p
y
t
s
i
6T
U
O
Vs
e
d
o
n
a
D
E
L
e
h
t
o
t
n
o
it
c
e
n
n
o
c
r
o
f
e
c
r
u
o
s
t
u
p
t
u
o
e
g
a
tl
o
V
7N
I
Vt
u
p
n
i
e
g
a
tl
o
V
8+
1
C1
r
o
ti
c
a
p
a
c
t
e
k
c
u
b
f
o
l
a
n
i
m
r
e
t
e
v
it
i
s
o
P
9-
1
C1
r
o
ti
c
a
p
a
c
t
e
k
c
u
b
f
o
l
a
n
i
m
r
e
t
e
v
it
a
g
e
N
0
1-
2
C2
r
o
ti
c
a
p
a
c
t
e
k
c
u
b
f
o
l
a
n
i
m
r
e
t
e
v
it
a
g
e
N
1
1+
2
C2
r
o
ti
c
a
p
a
c
t
e
k
c
u
b
f
o
l
a
n
i
m
r
e
t
e
v
it
i
s
o
P
2
1D
N
Gd
n
u
o
r
G
3
14
D
E
L
I]
n
e
p
o
t
f
e
l
e
b
t
s
u
m
n
i
p
,
e
s
u
n
i
t
o
n
fl
[
4
D
E
L
r
o
f
k
n
i
s
t
n
e
r
r
u
C
)
1
(
4
13
D
E
L
I
V
o
t
d
e
t
c
e
n
n
o
c
r
o
,
d
e
d
n
u
o
r
g
,
n
e
p
o
t
f
e
l
e
b
y
a
m
n
i
p
,
e
s
u
n
i
t
o
n
fl
[
3
D
E
L
r
o
f
k
n
i
s
t
n
e
r
r
u
C
N
I ]
)
1
(
5
12
D
E
L
I
V
o
t
d
e
t
c
e
n
n
o
c
r
o
,
d
e
d
n
u
o
r
g
,
n
e
p
o
t
f
e
l
e
b
y
a
m
n
i
p
,
e
s
u
n
i
t
o
n
fl
[
2
D
E
L
r
o
f
k
n
i
s
t
n
e
r
r
u
C
N
I ]
)
1
(
6
11
D
E
L
I
V
o
t
d
e
t
c
e
n
n
o
c
r
o
,
d
e
d
n
u
o
r
g
,
n
e
p
o
t
f
e
l
e
b
y
a
m
n
i
p
,
e
s
u
n
i
t
o
n
fl
[
1
D
E
L
r
o
f
k
n
i
s
t
n
e
r
r
u
C
N
I ]
)
1
(
Td
a
P
l
a
m
r
e
h
T
y
ll
a
n
r
e
t
n
I
d
e
t
c
e
n
n
o
c
t
o
N
.
s
a
i
v
e
l
p
it
l
u
m
g
n
i
s
u
e
n
a
l
p
d
n
u
o
r
g
o
t
t
c
e
n
n
o
C
.
s
e
s
o
p
r
u
p
g
n
i
k
n
i
s
t
a
e
h
r
o
f
d
a
P
Pin Descriptions
E
C
I
V
E
DE
G
A
K
C
A
P
)
1
(
R
T
L
M
I
A
4
0
6
C
S6
1
-
P
L
M
T
R
T
L
M
I
A
4
0
6
C
S
)
2
(
6
1
-
P
L
M
B
V
E
4
0
6
C
Sd
r
a
o
B
n
o
it
a
u
l
a
v
E
Notes:
(1) Available in tape and reel only. A reel contains 3000 devices.
(2) Available in lead-free package only. This product is fully WEEE and
RoHS compliant.
Ordering Information
Pin Configuration
Note: (1) The CTRL word must match the outputs in use.
TOP VIEW
MLPQ16: 4X4 16 LEAD
ISET
VOUT VIN
C1+
ILED1 ILED2 ILED3 ILED4
EN
CTRL0
CTRL1
CTRL2
GND
C2+
C2-
C1-
TOP VIEW
1
2
3
4
12
11
10
9
16
15
14
13
567
8
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com