Electronic Components Datasheet Search
  English  ▼

X  

SC604A Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC604A
Description  Low Noise, High Efficiency Regulated White LED Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC604A Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC604A Datasheet HTML 10Page - Semtech Corporation SC604A Datasheet HTML 11Page - Semtech Corporation SC604A Datasheet HTML 12Page - Semtech Corporation SC604A Datasheet HTML 13Page - Semtech Corporation SC604A Datasheet HTML 14Page - Semtech Corporation SC604A Datasheet HTML 15Page - Semtech Corporation SC604A Datasheet HTML 16Page - Semtech Corporation SC604A Datasheet HTML 17Page - Semtech Corporation SC604A Datasheet HTML 18Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Evaluation Board Bill of Materials
Evaluation Board Gerber Plots
Reference
Value
Comment
U1
SC604A
Component references in bold are the only essential design components.
C1,C2,C3,C4
1.OµF
Bucket, input and output capacitors. Ceramic, low ESR type, 6.3V rating or higher.
C6
10µF
This extra capacitor supports usage of long power leads from benchtop supply.
D1,D2,D3,D4
-
Add LEDs to meet the requirements of the application.
J1, J2, J3, J4
-
Jumpers in series with each LED.
JP1,JP2,JP3,JP4
-
Jumpers to bypass each 1
Ω sense resistor and bypass J1, J2, J3 and J4.
JP5
-
Jumper for bypassing the R4 input resistor.
JP6
-
Enable jumper.
JP7
-
Connects RSET potentiometer. Remove this jumper when using a fixed value R1.
CTRL0,CTRL1,CTRL2
-
Jumpers provide High/Low settings for the control bits.
RSET
-
RSET resistor
3296W-105
Evaluation board has 1M
Ω potentiometer in place of R1.
R4
0.22
Ω
Series input resistor for studying effects of input resistance.
RADJ
16.5k
Ω
Resistor for analog brightness control. Apply test signal of 0 to 1.2V at VADJ test point.
J5
-
Banana jacks for power supply.
Top View
Bottom View
SC604A
16
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com