Electronic Components Datasheet Search
  English  ▼

X  

SC604A Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC604A
Description  Low Noise, High Efficiency Regulated White LED Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC604A Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC604A Datasheet HTML 5Page - Semtech Corporation SC604A Datasheet HTML 6Page - Semtech Corporation SC604A Datasheet HTML 7Page - Semtech Corporation SC604A Datasheet HTML 8Page - Semtech Corporation SC604A Datasheet HTML 9Page - Semtech Corporation SC604A Datasheet HTML 10Page - Semtech Corporation SC604A Datasheet HTML 11Page - Semtech Corporation SC604A Datasheet HTML 12Page - Semtech Corporation SC604A Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
 2005 Semtech Corp.
www.semtech.com
SC604A
POWER MANAGEMENT
There are four methods for setting and adjusting the LED current
outlined here. The methods are:
1) R
SET only
2) Analog Reference V
ADJ
3) NMOS switched parallel resistors
4) PWM Input
Method 1. The most basic means of setting the LED current is
with a resistor connected from ISET to GND, as shown in the
application circuit on Page 1. The resistor R
SET establishes the
reference current needed for a constant LED current. Values of
R
SET for a fixed LED current are given in Table 2 and also in the
below graph, “Typical R
SET Resistance vs. LED Current”. Methods
2 and 3 on page 10 are for setting the LED current allow for
brightness control.
Table 2 - Resistor Value Selection
R
R
R
R
R
T
E
ST
E
S T
E
S T
E
ST
E
S
e
u
l
a
Ve
u
l
a
V
e
u
l
a
V
e
u
l
a
Ve
u
l
a
V
]
A
m
[
D
E
L
I]
A
m
[
D
E
L
I
]
A
m
[
D
E
L
I
]
A
m
[
D
E
L
I]
A
m
[
D
E
L
IR
R
R
R
R
T
E
ST
E
S T
E
S T
E
ST
E
S
k
[k
[k
[k
[k
[
Ω
Ω
Ω
Ω
Ω]]]]]
k
t
s
e
r
a
e
Nk
t
s
e
r
a
e
N
k
t
s
e
r
a
e
N
k
t
s
e
r
a
e
Nk
t
s
e
r
a
e
N
Ω
Ω
Ω
Ω
Ω
d
r
a
d
n
a
t
Sd
r
a
d
n
a
t
S
d
r
a
d
n
a
t
S
d
r
a
d
n
a
t
Sd
r
a
d
n
a
t
S
e
u
l
a
Ve
u
l
a
V
e
u
l
a
V
e
u
l
a
Ve
u
l
a
V
d
r
a
d
n
a
t
Sd
r
a
d
n
a
t
S
d
r
a
d
n
a
t
S
d
r
a
d
n
a
t
Sd
r
a
d
n
a
t
S
e
u
l
a
Ve
u
l
a
V
e
u
l
a
V
e
u
l
a
Ve
u
l
a
V
e
c
n
e
r
e
f
fi
D
%e
c
n
e
r
e
f
fi
D
%
e
c
n
e
r
e
f
fi
D
%
e
c
n
e
r
e
f
fi
D
%e
c
n
e
r
e
f
fi
D
%
5
.
01
3
91
3
9%
0
.
0
11
7
40
7
4%
2
.
0
-
27
3
27
3
2%
0
.
0
35
5
14
5
1%
6
.
0
-
50
.
4
91
.
3
9%
0
.
1
-
0
15
.
7
45
.
7
4%
0
.
0
5
13
8
.
1
36
.
1
3%
7
.
0
-
0
20
.
4
20
.
4
2%
0
.
0
0
35
.
6
15
.
6
1%
0
.
0
Methods for Setting LED Current
Typical RSET Resistance vs. LED Current
0
50
100
150
200
250
300
350
400
450
500
550
600
650
700
750
800
850
900
950
1000
0.511.5
2
2.5
3
3.544.5
5
5.566.5
7
7.5
8
8.599.5
10
LED Current [mA]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com