Electronic Components Datasheet Search
  English  ▼

X  

SC604A Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC604A
Description  Low Noise, High Efficiency Regulated White LED Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC604A Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC604A Datasheet HTML 6Page - Semtech Corporation SC604A Datasheet HTML 7Page - Semtech Corporation SC604A Datasheet HTML 8Page - Semtech Corporation SC604A Datasheet HTML 9Page - Semtech Corporation SC604A Datasheet HTML 10Page - Semtech Corporation SC604A Datasheet HTML 11Page - Semtech Corporation SC604A Datasheet HTML 12Page - Semtech Corporation SC604A Datasheet HTML 13Page - Semtech Corporation SC604A Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
 2005 Semtech Corp.
www.semtech.com
SC604A
POWER MANAGEMENT
V
J
D
A
]
V
[I
D
E
L
]
A
m
[V
J
D
A
]
V
[I
D
E
L
]
A
m
[
0
0
0
.
02
.
0
30
0
6
.
08
.
4
1
0
0
1
.
07
.
7
20
0
7
.
03
.
2
1
0
0
2
.
01
.
5
20
0
8
.
07
.
9
0
0
3
.
05
.
2
20
0
9
.
01
.
7
0
0
4
.
00
.
0
20
0
0
.
11
.
2
0
0
5
.
03
.
7
10
5
1
.
10
.
1
Table 3 - Analog Voltage for LED Current Control
Figure 1 - Analog Voltage for LED Current Control
Figure 2 - 3 Bit LED Current Control with Open Drain
Method 2. The example circuit in Figure 1 uses a 16.5k
Ω resistor
and an analog input DC voltage, V
ADJ , which varies from 1.2V to 0V
to control LED current from 1mA to 30mA. Table 3 shows the
resulting output. If necessary, the analog V
ADJ voltage can be
sourced from a voltage higher than 1.2V, but the source must be
divided down so that the V
ADJ mode will not exceed 1.2V. For lower
current applications and for higher resolution, a larger resistor
may be substituted in this circuit. PWM applications are also
possible with this circuit by application of RC filtering. (Consult
with Semtech for detailed application support).
Methods for Setting LED Current (Cont.)
Method 3. The circuit in Figure 2 uses open drain NMOS transistors
to set an equivalent resistance for R
SET. Parallel combinations are
switched on and off for R1, R2 and R3. R4 is always connected,
so that a minimum value of LED current can be maintained at
1.5mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com