Electronic Components Datasheet Search
  English  ▼

X  

SC604A Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC604A
Description  Low Noise, High Efficiency Regulated White LED Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC604A Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC604A Datasheet HTML 7Page - Semtech Corporation SC604A Datasheet HTML 8Page - Semtech Corporation SC604A Datasheet HTML 9Page - Semtech Corporation SC604A Datasheet HTML 10Page - Semtech Corporation SC604A Datasheet HTML 11Page - Semtech Corporation SC604A Datasheet HTML 12Page - Semtech Corporation SC604A Datasheet HTML 13Page - Semtech Corporation SC604A Datasheet HTML 14Page - Semtech Corporation SC604A Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
 2005 Semtech Corp.
www.semtech.com
SC604A
POWER MANAGEMENT
d
o
h
t
e
M
l
o
r
t
n
o
C
t
n
e
r
r
u
C
D
E
Le
c
n
e
r
e
f
e
R
f
o
e
r
u
g
i
Fe
g
n
a
R
t
n
e
r
r
u
C
D
E
L
s
s
e
n
t
h
g
i
r
B
l
o
r
t
n
o
C
1
d
o
h
t
e
MR
T
E
S
y
l
n
O1
e
g
a
P
n
o
ti
u
c
ri
CA
m
5
.
0< I
D
E
L
<A
m
0
3s
s
e
n
t
h
g
ir
B
d
e
x
i
F
2
d
o
h
t
e
MV
e
c
n
e
r
e
f
e
R
g
o
l
a
n
A
J
D
A
0
1
e
g
a
P
n
o
1
e
r
u
g
i
FA
m
5
.
0< I
D
E
L
<A
m
0
3e
ti
n
if
n
I
3
d
o
h
t
e
M
l
e
ll
a
r
a
P
d
e
h
c
ti
w
S
S
O
M
N
s
r
o
t
s
i
s
e
R
0
1
e
g
a
P
n
o
2
e
r
u
g
i
FA
m
5
.
0< I
D
E
L
<A
m
0
3
2N
d
e
p
p
e
t
S
s
l
e
v
e
L
t
n
e
r
r
u
C
)
1
(
4
d
o
h
t
e
M)
s
(t
u
p
n
I
x
L
R
T
C
M
W
P1
1
e
g
a
p
n
o
3
e
r
u
g
i
FA
m
5
.
0< I
D
E
L
<A
m
0
3e
ti
n
if
n
I
Note: 1) “N” is the number of NMOS transistors used for brightness control.
Table 4 - Summary of LED Current Control
Figure 3 - PWM Example Circuit
Method 4. LED current may also be controlled by applying a PWM
signal to any of the CTRL2, CTRL1 and CTRL0 inputs. The circuit in
Figure 3 turns 4 LEDs on and off by applying a PWM signal to the
CTRL0 input. This circuit uses resistor R
SET to set the on state
current and the average LED current is then proportional to the
percentage of on-time when the CTRL0 pin is a logic low. Average
LED current is approximately equal to:
I
AVG = (tON
I
LED_ON)/(tON + tOFF)
The recommended PWM frequency is between 100Hz and 500Hz.
Due to start up delay and ramp up time, frequency >500Hz will
result in error in the average value of I
LED. Frequency <100Hz can
naturally cause the LEDs to blink visibly.
In PWM applications where ILED4 is not used, keep ILED4 pin 13
open. Connecting ILED4 to ground can result in the charge pump
operating in open loop mode. Connecting ILED4 to V
IN will work
but will cause shutdown current I
Q to increase to approximately
V
IN / 100k.
Methods for Setting LED Current (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com