Electronic Components Datasheet Search
  English  ▼

X  

SC1218 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC1218
Description  High Speed Synchronous MOSFET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1218 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC1218 Datasheet HTML 3Page - Semtech Corporation SC1218 Datasheet HTML 4Page - Semtech Corporation SC1218 Datasheet HTML 5Page - Semtech Corporation SC1218 Datasheet HTML 6Page - Semtech Corporation SC1218 Datasheet HTML 7Page - Semtech Corporation SC1218 Datasheet HTML 8Page - Semtech Corporation SC1218 Datasheet HTML 9Page - Semtech Corporation SC1218 Datasheet HTML 10Page - Semtech Corporation SC1218 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1218
Fig. 3. TG and BG Rise Times vs. Temperature.
Fig. 4. TG and BG Fall Times vs. Temperature.
Fig. 5. TG and BG Rise Times vs. Load Capacitance.
Fig. 6. TG and BG Fall Times vs. Load Capacitance.
Fig. 7. Supply Current vs. Frequency.
Fig. 8. Supply Current vs. Temperature.
Typical Performance Characteristics (Cont.)
0
5
10
15
20
25
024
6
8
10
LOAD CAPACITANCE (nF)
VIN=12V
TA=25°C
TG
BG
0
10
20
30
40
50
02
4
68
10
LOAD CAPACITANCE (nF)
VIN=12V
TA=25°C
TG
BG
15
16
17
18
19
20
0
25
50
75
100
125
TEMPERATURE (°C)
VIN=12V
CLoad=3.3nF
TG
BG
6
7
8
9
10
11
0
25
50
75
100
125
TEMPERATURE (°C)
VIN=12V
CLoad=3.3nF
TG
BG
22
23
24
25
26
27
0
25
50
75
100
125
TEMPERATURE (°C)
VIN=12V
CLoad_TG=3.3nF
CLoad_BG=3.3nF
Freq.=200KHz
0
20
40
60
80
100
120
140
160
0
200
400
600
800
1000
1200
1400
1600
FREQUENCY (KHz)
VIN=12V
CLoad_TG=3.3nF
CLoad_BG=3.3nF
TA=25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com