Electronic Components Datasheet Search
  English  ▼

X  

SC1218 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC1218
Description  High Speed Synchronous MOSFET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1218 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC1218 Datasheet HTML 4Page - Semtech Corporation SC1218 Datasheet HTML 5Page - Semtech Corporation SC1218 Datasheet HTML 6Page - Semtech Corporation SC1218 Datasheet HTML 7Page - Semtech Corporation SC1218 Datasheet HTML 8Page - Semtech Corporation SC1218 Datasheet HTML 9Page - Semtech Corporation SC1218 Datasheet HTML 10Page - Semtech Corporation SC1218 Datasheet HTML 11Page - Semtech Corporation SC1218 Datasheet HTML 12Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1218
Applications Information (Cont.)
Typically, a 1uF/16V ceramic capacitor is used. In addi-
tion, a small resistor (one ohm) is recommended in be-
tween DRN pin of the SC1218 and the phase node. The
resistor is used to alleviate the stress of the SC1218, re-
sulting from the negative spike at the phase node, and
also to control the switching speed. A negative spike could
occur at the phase node during the top FET turn-off due to
parasitic inductance in the switching loop. The spike could
be minimized with a careful PCB layout. In the applica-
tions with TO-220 package FETs, it is suggested to use a
clamping diode on the DRN pin to mitigate the impact of
the excessive phase node negative spikes.
For VIN pin of the SC1218, it is recommended to use a
1uF/16V ceramic capacitor for decoupling.
Driv
Driv
Driv
Driv
Driver Dissipation and Junction T
er Dissipation and Junction T
er Dissipation and Junction T
er Dissipation and Junction T
er Dissipation and Junction Tem
em
em
em
emperature
perature
perature
perature
perature
The driver power dissipation is a function of chip quies-
cent current I
Q, switching frequency FSW, and supply volt-
age V
IN. It is approximated as:
IN
SW
TOTAL
Q
D
V
F
Q
I
P
⋅
⋅
+
=
)
(
where Q
TOTAL is the total gate charge of the top-side and
bottom-side FETs. The power dissipation vs total gate
charge at the given switching frequency is plotted in Fig.11.
The driver junction temperature can be calculated based
on the juntion to case thermal resistance and Printed Cir-
cuit Board (PCB) temperature.
LA
LA
LA
LA
LAYYYYYOUT GUIDELINES
OUT GUIDELINES
OUT GUIDELINES
OUT GUIDELINES
OUT GUIDELINES
The switching regulator is a high di/dt and dv/dt power
circuit. PCB layout is critical. A good layout can achieve
optimum circuit performance with minimized component
stress, resulting in better system reliability. For a multi-
phase voltage regulator, the SC1218 driver, FETs, induc-
tor, and supply decoupling capacitors in each phase have
to be considered as a unit. For the SC1218 driver, the
following guidelines are typically recommended during PCB
layout:
a) Place the SC1218 close to the FETs for shortest
gate drive traces and ground return paths;
b) Connect decoupling capacitor as close as possible
to the VIN pin and the PGND pin. The trace length of
the capacitor on the VIN pin should be no more than
0.2” (5mm); and
c) Locate the bootstrap capacitor close to the SC1218.
The typical layout examples of SC1218 based on above
guidelines are shown in Fig.12 and Fig.13.
0
200
400
600
800
1000
40
60
80
100
120
TOTAL GATE CHARGE (nC)
Fsw=200kHz
Fsw=400kHz
Fsw=600kHz
0
200
400
600
800
1000
40
60
80
100
120
TOTAL GATE CHARGE (nC)
Fsw=200kHz
Fsw=200kHz
Fsw=400kHz
Fsw=400kHz
Fsw=600kHz
Fsw=600kHz
Fig. 11. Power dissipation.
VIN
CBST
VIN
To top FET
To bottom FET
To phase node
PWM
R
C
RDRN
C
To top FET
To bottom FET
PWM
VIN
CBST
VIN
To top FET
To bottom FET
To phase node
PWM
R
C
RDRN
C
To top FET
To bottom FET
PWM
Fig. 12. Component placement for SOIC-8
CBST
CVIN
RVIN
RDRN
EN
To Bottom FET
To Top FET
VIN
To Phase Node
CBST
CVIN
RVIN
RDRN
EN
To Bottom FET
To Top FET
VIN
To Phase Node
Fig. 13. Component placement for MLPQ-8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com