Electronic Components Datasheet Search
  English  ▼

X  

SC1218 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC1218
Description  High Speed Synchronous MOSFET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1218 Datasheet(HTML) 3 Page - Semtech Corporation

  SC1218 Datasheet HTML 1Page - Semtech Corporation SC1218 Datasheet HTML 2Page - Semtech Corporation SC1218 Datasheet HTML 3Page - Semtech Corporation SC1218 Datasheet HTML 4Page - Semtech Corporation SC1218 Datasheet HTML 5Page - Semtech Corporation SC1218 Datasheet HTML 6Page - Semtech Corporation SC1218 Datasheet HTML 7Page - Semtech Corporation SC1218 Datasheet HTML 8Page - Semtech Corporation SC1218 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1218
Electrical Characteristics (Cont.)
Unless specified: T
A = 25°C; VIN = 12V.
NOTE: (1). Guaranteed by design.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
t
u
o
k
c
o
L
e
g
a
t
l
o
V
r
e
d
n
U
f
o
d
l
o
h
s
e
r
h
T
t
r
a
t
SV
N
I
e
g
a
tl
o
VV
T
R
A
T
S
_
N
I
43
.
4V
s
i
s
e
r
e
t
s
y
Hs
y
h
V
O
L
V
U
0
5
2V
m
N
E
e
g
a
tl
o
V
t
u
p
n
I
h
g
i
H
c
i
g
o
LV
H
_
N
E
5
6
.
2V
e
g
a
tl
o
V
t
u
p
n
I
w
o
L
c
i
g
o
LV
L
_
N
E
8
.
0V
O
C
e
g
a
tl
o
V
t
u
p
n
I
h
g
i
H
c
i
g
o
LV
H
_
O
C
9
.
2V
e
g
a
tl
o
V
t
u
p
n
I
w
o
L
c
i
g
o
LV
L
_
O
C
8
.
0V
r
o
t
s
i
s
e
R
n
w
o
d
-l
l
u
P
l
a
n
r
e
t
n
I
0
4m
h
o
K
)
G
T
(
r
e
v
i
r
D
e
d
i
S
h
g
i
H
e
c
n
e
d
e
p
m
I
t
u
p
t
u
O
R
G
T
_
C
R
S
V
T
S
B
V
-
N
R
D
V
2
1
=
8
6
.
11
.
2m
h
O
R
G
T
_
K
N
I
S
2
5
.
08
7
.
0m
h
O
t
n
e
r
r
u
C
k
a
e
P
t
u
p
t
u
O
I
K
P
_
G
T
_
C
R
S
V
N
I
C
,
V
2
1
=
G
T
F
n
0
1
=8
.
2A
I
K
P
_
G
T
_
K
N
I
S
V
N
I
C
,
V
2
1
=
G
T
F
n
0
1
=5
.
6A
h
g
i
H
g
n
i
o
G
G
T
,
y
a
l
e
D
n
o
it
a
g
a
p
o
r
Pt
G
T
_
H
D
P
V
T
S
B
V
-
N
R
D
V
2
1
=7
3s
n
w
o
L
g
n
i
o
G
G
T
,
y
a
l
e
D
n
o
it
a
g
a
p
o
r
Pt
G
T
_
L
D
P
V
T
S
B
V
-
N
R
D
V
2
1
=0
5s
n
e
m
it
-
n
O
m
u
m
i
n
i
M
G
T
)
1
(
t
G
T
_
N
I
M
_
N
O
s
n
0
4
<
h
t
d
i
w
e
s
l
u
p
O
C
r
o
F0
4s
n
)
G
B
(
r
e
v
i
r
D
e
d
i
S
w
o
L
e
c
n
e
d
e
p
m
I
t
u
p
t
u
O
R
G
B
_
C
R
S
V
N
I
V
2
1
=
6
3
.
10
.
2m
h
O
R
G
B
_
K
N
I
S
2
5
.
08
7
.
0m
h
O
t
n
e
r
r
u
C
k
a
e
P
t
u
p
t
u
O
I
K
P
_
G
B
_
C
R
S
V
N
I
C
,
V
2
1
=
G
B
F
n
0
1
=5
.
3A
I
K
P
_
G
B
_
K
N
I
S
V
N
I
C
,
V
2
1
=
G
B
F
n
0
1
=5
.
7A
h
g
i
H
g
n
i
o
G
G
B
,
y
a
l
e
D
n
o
it
a
g
a
p
o
r
Pt
G
B
_
H
D
P
V
N
I
V
2
1
=0
2s
n
w
o
L
g
n
i
o
G
G
B
,
y
a
l
e
D
n
o
it
a
g
a
p
o
r
Pt
G
B
_
L
D
P
V
N
I
V
2
1
=7
2s
n
e
m
it
-
F
F
O
m
u
m
i
n
i
M
G
B
)
1
(
t
G
B
_
N
I
M
_
F
F
O
s
n
0
4
<
h
t
d
i
w
e
s
l
u
p
O
C
r
o
F0
4
1s
n
y
a
l
e
D
N
O
n
r
u
T
m
u
m
i
x
a
M
G
B
)
1
(
t
G
B
_
X
A
M
_
H
D
V
,
w
o
L
=
O
C
m
o
r
F
N
R
D
V
1
>5
7
1s
n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com