Electronic Components Datasheet Search
  English  ▼

X  

SC1218 Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC1218
Description  High Speed Synchronous MOSFET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1218 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC1218 Datasheet HTML 4Page - Semtech Corporation SC1218 Datasheet HTML 5Page - Semtech Corporation SC1218 Datasheet HTML 6Page - Semtech Corporation SC1218 Datasheet HTML 7Page - Semtech Corporation SC1218 Datasheet HTML 8Page - Semtech Corporation SC1218 Datasheet HTML 9Page - Semtech Corporation SC1218 Datasheet HTML 10Page - Semtech Corporation SC1218 Datasheet HTML 11Page - Semtech Corporation SC1218 Datasheet HTML 12Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1218
Semtech Corporation
Power Management Products Division
200 Flynn Road, Camarillo, CA 93012
Phone: (805)498-2111 FAX (805)498-3804
Contact Information
Land Pattern - MLPQ-8, 3 x 3mm
Outline Drawing - MLPQ-8, 3 x 3mm
THE VIAS ON THE CENTER PAD SHOULD MAINTAIN THE GOOD
THERMAL CONTACT OF THE DEVICE TO THE PCB GROUND PLANE.
2.
C
X
Z
Y
G
P
H
.014
.033
.156
.089
.073
.026
0.85
3.95
0.35
1.85
0.65
2.25
DIM
(3.10)
MILLIMETERS
DIMENSIONS
(.122)
INCHES
K
.073
1.85
H
G
P
X
(C)
Y
Z
K
P/2
THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY.
CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR
COMPANY'S MANUFACTURING GUIDELINES ARE MET.
NOTES:
1.
K
Top View
Bottom View
e
e/2
0
INDICATOR
(LASER MARK)
PIN 1
E2
D2
D
E
D/2
E/2
2
A
A1
1
L
bbb
C A B
A2
b
SEATING
PLANE
C
N
aaa C
A
B
-
-
0.65 BSC
MILLIMETERS
MAX
0.05
1.00
DIMENSIONS
MIN
0.00
NOM
-
-
MAX
.002
.040
NOM
0.08
-
0.20 REF
-
.008
--
0.20
--
D
E
.118 BSC
3.00 BSC
3.00 BSC
.118 BSC
.008 BSC
INCHES
.026 BSC
b
.007
N
bbb
aaa
00°
E2
L
K
e
D2
.012
.059
.059
DIM
A1
A2
A
MIN
.000
.032
0.30
0.19
.012
-
-
0.50
12°
1.80
1.80
0.30
1.50
1.50
8
-
.003
.008
12°
.016
-
-
.020
.071
.071
8
0.08
0.20
0°
-
0.40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com