Electronic Components Datasheet Search
  English  ▼

X  

SC1218 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1218
Description  High Speed Synchronous MOSFET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1218 Datasheet(HTML) 1 Page - Semtech Corporation

  SC1218 Datasheet HTML 1Page - Semtech Corporation SC1218 Datasheet HTML 2Page - Semtech Corporation SC1218 Datasheet HTML 3Page - Semtech Corporation SC1218 Datasheet HTML 4Page - Semtech Corporation SC1218 Datasheet HTML 5Page - Semtech Corporation SC1218 Datasheet HTML 6Page - Semtech Corporation SC1218 Datasheet HTML 7Page - Semtech Corporation SC1218 Datasheet HTML 8Page - Semtech Corporation SC1218 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
www.semtech.com
POWER MANAGEMENT
SC1218
High Speed
Synchronous MOSFET Driver
Revision: October 14, 2005
Description
Features
Applications
Typical Application Circuit
The SC1218 is a high speed, robust, dual output driver to
drive high-side and low-side N-MOSFETs in synchronous
buck converters. Combined with Semtech’s multi-phase
PWM controller SC2649, one can build high performance,
versatile voltage regulators for next generation micropro-
cessors.
SC1218 is built upon a CMOS technology which provides
enough voltage capacity to handle computer applications.
In addition, the advanced timing circuitry is adopted to
filter out very narrow PWM pulses at the input of the driver.
The latched UVLO and enhanced adaptive shoot-through
protection further enhance the robustness of the SC1218.
With integrated bootstrap diode, the SC1218 is offered in
both SOIC-8 package and MLPQ-8 3x3mm package. These
features further reduce the thermal stress and BOM cost.
Advanced Digital Timing to Filter Out Very Narrow PWM
Pulses
+12V Gate Drive Voltage
Integrated Bootstrap Diode
High Peak Drive Current
Adaptive Non-overlapping Gate Drives Provide Shoot-
through Protection
Support Dynamic VID operation
Ultra-low Propagation Delay
Floating Top Gate Drive
Crowbar Function for Over Voltage Protection
High Frequency (up to 2 MHz) Operation Allows Use of
Small Inductors and Low Cost Ceramic Capacitors
Under Voltage Lockout
Low Quiescent Current
Enable Function for Both Gate OFF Shut Down
Lead-free Part and Fully WEEE and RoHS Compliant
IntelNext Generation Processor Power Supplies
AMDAthlonTM and AMD-K8TM
Processor Power
Supplies
High Current Low Voltage DC-DC Converter
s
EN
Cv in
1uF
Rv in
2R2
Cout
PWM
VIN
Mtop
Lout
Cin
Cbst
1uF
SC1218
BST
CO
EN
VIN
BG
PGND
DRN
TG
VOUT
Mbot
Rdrn
(optional)


Similar Part No. - SC1218

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC121 SILAN-SC121 Datasheet
621Kb / 9P
LI BATTERY PROTECTION CIRCUIT
logo
Semtech Corporation
SC121 SEMTECH-SC121 Datasheet
335Kb / 23P
Low Voltage Synchronous Boost Regulator
SC1210 SEMTECH-SC1210 Datasheet
158Kb / 9P
High Speed, 12 V, Synchronous Power MOSFET Driver
logo
Socay Electornics Co., ...
SC1210 SOCAY-SC1210 Datasheet
1Mb / 4P
Surface Mount 2-Electrode Gas Discharge Tube (GDT)
logo
Bel Fuse Inc.
SC1210 BEL-SC1210 Datasheet
783Kb / 1P
SMD POWER INDUCTORS Open frame construction
More results

Similar Description - SC1218

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2722 NSC-LM2722 Datasheet
162Kb / 8P
High Speed Synchronous/Asynchronous MOSFET Driver
LM2724A NSC-LM2724A Datasheet
135Kb / 8P
High Speed 3A Synchronous MOSFET Driver
logo
Semtech Corporation
SC1205 SEMTECH-SC1205 Datasheet
128Kb / 12P
HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
SC1405 SEMTECH-SC1405 Datasheet
133Kb / 12P
HIGH SPEED SYNCHRONOUS POWER MOSFET SMART DRIVER
logo
National Semiconductor ...
LM27222 NSC-LM27222 Datasheet
601Kb / 11P
High-Speed 4.5A Synchronous MOSFET Driver
logo
Semtech Corporation
SC1211 SEMTECH-SC1211 Datasheet
270Kb / 11P
High Speed, Combi-SenseTM Synchronous MOSFET Driver
SC1205 SEMTECH-SC1205_04 Datasheet
254Kb / 12P
High Speed Synchronous Power MOSFET Driver
SC1211 SEMTECH-SC1211_03 Datasheet
513Kb / 11P
High Speed, Combi-SenseTM Synchronous MOSFET Driver
logo
Linear Technology
LTC4449 LINER-LTC4449 Datasheet
169Kb / 12P
High Speed Synchronous N-Channel MOSFET Driver
logo
Samtec, Inc
SC1205CS SAMTEC-SC1205CS Datasheet
255Kb / 12P
High Speed Synchronous Power MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com