Electronic Components Datasheet Search
  English  ▼

X  

SC4612 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC4612
Description  Wide Input Range High Performance Synchronous Buck Switching Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4612 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC4612 Datasheet HTML 2Page - Semtech Corporation SC4612 Datasheet HTML 3Page - Semtech Corporation SC4612 Datasheet HTML 4Page - Semtech Corporation SC4612 Datasheet HTML 5Page - Semtech Corporation SC4612 Datasheet HTML 6Page - Semtech Corporation SC4612 Datasheet HTML 7Page - Semtech Corporation SC4612 Datasheet HTML 8Page - Semtech Corporation SC4612 Datasheet HTML 9Page - Semtech Corporation SC4612 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
 2007 Semtech Corp.
www.semtech.com
SC4612
POWER MANAGEMENT
r
e
b
m
u
N
t
r
a
P
)
3
(
e
g
a
k
c
a
P
)
2
(
T
(
e
g
n
a
R
.
p
m
e
T
J)
T
R
T
L
M
2
1
6
4
C
S2
1
-
D
P
L
M
C
°
5
2
1
+
o
t
C
°
0
4
-
T
R
T
S
2
1
6
4
C
S4
1
-
C
I
O
S
B
V
E
2
1
6
4
C
S
)
1
(
D
R
A
O
B
N
O
I
T
A
U
L
A
V
E
Pin Configurations
Ordering Information
Notes:
(1) When ordering please specify MLPD or SOIC
package.
(2) Only available in tape and reel packaging. A reel
contains 3000 devices for MLPD package and 2500 for
SOIC package..
(3) Lead-free product. This product is fully WEEE and
RoHS compliant.
1
2
3
4
5
6
7
PHASE
ILIM
TOP VIEW
(12 Pin MLPD)
12
8
DH
OSC
BST
SS/EN
DRV
EAO
DL
FB
GND
VDD
10
9
11
Top Mark
Marking Information - MLPD
nnnn
= Part Number (Example: 1531)
yyww
= Date Code (Example: 0012)
xxxxx
= Semtech Lot No. (Example:E9010)
4612
yyww
xxxxx
1
2
3
4
5
6
7
PHASE
NC
TOP VIEW
(14 Pin SOIC)
13
12
14
11
10
DH
ILIM
BST
OSC
DRV
SS/EN
DL
EAO
GND
VDD
FB
NC
9
8
SC4612
yyww
xxxxxxxxx
nnnnnn = Part Number (Example: SC4612)
yyww
= Date Code (Example: 0552)
xxxxxxxxx = Semtech Lot No.
(Example: A01E90101)
Top Mark
Marking Information - SOIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com